Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS617 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS617
Description  Dual wideband high output current operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS617 Datasheet(HTML) 1 Page - STMicroelectronics

  TS617 Datasheet HTML 1Page - STMicroelectronics TS617 Datasheet HTML 2Page - STMicroelectronics TS617 Datasheet HTML 3Page - STMicroelectronics TS617 Datasheet HTML 4Page - STMicroelectronics TS617 Datasheet HTML 5Page - STMicroelectronics TS617 Datasheet HTML 6Page - STMicroelectronics TS617 Datasheet HTML 7Page - STMicroelectronics TS617 Datasheet HTML 8Page - STMicroelectronics TS617 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2008
Rev 1
1/19
19
TS617
Dual wideband high output current operational amplifier
Features
Wideband of 200 MHz/gain = 4
Very high slew rate
High output current
Specified on 25 and 100-
Ω loads
Thermal shut-down set at Tj = 150° C
Large protection on outputs
Power-down mode with high Z-out
Very low noise
Tested at 5 and 12-V supplies
Single or dual supply operation
Minimum and maximum limits are tested in full
production
Applications
Power line equipment
Drivers for xDSL modems
Video drivers
Video distribution
Description
The TS617 is a wideband high output current dual
operational amplifier optimized for driving high
data rates on power lines and twisted pair
telephone lines.
The TS617 features a linearity on low resistive
loads, large output swing and high output current,
very low noise, low consumption and I-supply
control and power-down mode with high Z-out
and short settling times.
SO-14
1
2
3
11
4
14
13
12
5
6
7
8
10
9
+
_
+
_
Power
control
+IN1
-IN1
+IN2
-IN2
VCC -
VCC +
OUT2
OUT1
NC
NC
NC
NC
A0
A1
1
2
3
11
4
14
13
12
5
6
7
8
10
9
+
_
+
_
Power
control
+IN1
-IN1
+IN2
-IN2
VCC -
VCC +
OUT2
OUT1
NC
NC
NC
NC
A0
A1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TS617

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS61 TSC-TS61 Datasheet
402Kb / 7P
Voltage Detector
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
Full-bridge FET Driver
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
705Kb / 8P
High Efficiency Receiver Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
High Efficiency Receiver Controller for Wireless Power Systems
More results

Similar Description - TS617

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com