Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS617 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS617
Description  Dual wideband high output current operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS617 Datasheet(HTML) 3 Page - STMicroelectronics

  TS617 Datasheet HTML 1Page - STMicroelectronics TS617 Datasheet HTML 2Page - STMicroelectronics TS617 Datasheet HTML 3Page - STMicroelectronics TS617 Datasheet HTML 4Page - STMicroelectronics TS617 Datasheet HTML 5Page - STMicroelectronics TS617 Datasheet HTML 6Page - STMicroelectronics TS617 Datasheet HTML 7Page - STMicroelectronics TS617 Datasheet HTML 8Page - STMicroelectronics TS617 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TS617
Electrical characteristics
3/19
2
Electrical characteristics
Table 3.
VCC = ±2.5 V, Tamb = 25° C, full power mode (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
Tamb
-10
2.5
10
mV
Tmin. < Tamb < Tmax.
2.7
ΔVio
Vio drift vs. temperature
Tmin. < Tamb < Tmax.
5
μV/°C
Iib+
Non-inverting input bias current
Tamb
-50
-15
+50
μA
Tmin. < Tamb < Tmax.
-20
Iib-
Inverting input bias current
Tamb
-30
-11
-30
μA
Tmin. < Tamb < Tmax.
-12
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
ΔVic = ±1 V
45
51
dB
Tmin. < Tamb < Tmax.
50
SVR
Supply voltage rejection ratio
20 log (
ΔVCC/ΔVio)
ΔVCC = ±2 V to ±2.5 V
50
76
dB
Tmin. < Tamb < Tmax.
55
PSRR
Power supply rejection ratio
20 log (
ΔVCC/ΔVout)
Gain = +4, Rfb = 390
Ω
ΔVCC = ±100 mV at 100 kHz
50
dB
ICC
Supply current per operator
Full power, no load
9
11
mA
Tmin. < Tamb < Tmax.
10
Medium power, no load
7
8
mA
Tmin. < Tamb < Tmax.
7.5
Low power, no load
2
3
mA
Tmin. < Tamb < Tmax.
2.3
Dynamic performance and output characteristics
Bw
-3 dB bandwidth in small signal
Small signal Vout =20 mVp-p
RL = 100 Ω
Gain = +2, Rfb = 620
Ω
Gain = +4, Rfb = 390
Ω
Gain = +8, Rfb = 390
Ω
70
125
105
55
MHz
Gain = +4, medium power
90
Gain = +4, low power
33
ROL
Open-loop transimpedance
RL = 100 Ω,Vout = 2 Vp-p
50
110
k
Ω
Tmin. < Tamb < Tmax.
90
SR
Slew rate
Vout = 3 Vp-p, gain = +4,
RL = 100 Ω
300
450
V/
μs
Medium power
400
Low power
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com