Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS617 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS617
Description  Dual wideband high output current operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS617 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS617 Datasheet HTML 5Page - STMicroelectronics TS617 Datasheet HTML 6Page - STMicroelectronics TS617 Datasheet HTML 7Page - STMicroelectronics TS617 Datasheet HTML 8Page - STMicroelectronics TS617 Datasheet HTML 9Page - STMicroelectronics TS617 Datasheet HTML 10Page - STMicroelectronics TS617 Datasheet HTML 11Page - STMicroelectronics TS617 Datasheet HTML 12Page - STMicroelectronics TS617 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TS617
Electrical characteristics
9/19
Figure 8.
PSRR
Figure 9.
Bandwidth vs. temperature
10k
100k
1M
10M
100M
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Vcc=12V(dc)+0.2Vp-p(ac)
Load=100
Ω
Frequency (Hz)
-40
-20
0
2040
6080
160
180
200
220
240
260
280
300
Vcc=+/-6V
Load=100
Ω
Temperature (°C)
Figure 10.
Transimpedance vs. temperature
Figure 11.
ICC vs. temperature
-40
-20
0
2040
6080
45
50
55
60
65
70
75
80
85
90
Vcc=+/-6V
Temperature (°C)
-40
-20
0
20
40
60
80
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Low power
Medium power
Full power
Vcc=±6V
no load
Temperature (°C)
Figure 12.
Slew rate vs. temperature
Figure 13.
Vio vs. temperature
-40
-20
0
20
40
60
80
450
500
550
600
650
700
Vcc=+/-6V
Load=100
Ω
Temperature (°C)
-40
-20
0
2040
6080
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vcc=+/-6V
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com