Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS617 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS617
Description  Dual wideband high output current operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS617 Datasheet(HTML) 5 Page - STMicroelectronics

  TS617 Datasheet HTML 1Page - STMicroelectronics TS617 Datasheet HTML 2Page - STMicroelectronics TS617 Datasheet HTML 3Page - STMicroelectronics TS617 Datasheet HTML 4Page - STMicroelectronics TS617 Datasheet HTML 5Page - STMicroelectronics TS617 Datasheet HTML 6Page - STMicroelectronics TS617 Datasheet HTML 7Page - STMicroelectronics TS617 Datasheet HTML 8Page - STMicroelectronics TS617 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TS617
Electrical characteristics
5/19
Table 4.
VCC = ±6 V, Tamb = 25° C, full power mode (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
Tamb
-12
4.5
12
mV
Tmin. < Tamb < Tmax.
5
ΔVio
Vio drift vs. temperature
Tmin. < Tamb < Tmax.
5
μV/°C
Iib+
Non-inverting input bias current
Tamb
-80
-25
80
μA
Tmin. < Tamb < Tmax.
-30
Iib-
Inverting input bias current
Tamb
-35
-7
35
μA
Tmin. < Tamb < Tmax.
-9
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
ΔVic = ±3 V
45
51
dB
Tmin. < Tamb < Tmax.
50
SVR
Supply voltage rejection ratio
20 log (
ΔVCC/ΔVio)
ΔVCC = ±2.5 V to ±6 V
50
72
dB
Tmin. < Tamb < Tmax.
65
PSRR
Power supply rejection ratio
20 log (
ΔVCC/ΔVout)
Gain = +4, Rfb = 390
Ω
ΔVCC = ±100 mV at 100 kHz
50
dB
ICC
Supply current per operator
Full power, no load
13
16
mA
Tmin. < Tamb < Tmax.
14
Medium power, no load
9.7
12
mA
Tmin. < Tamb < Tmax.
10.5
Low power, no load
2.6
4
mA
Tmin. < Tamb < Tmax.
2.9
Dynamic performance and output characteristics
Bw
-3 dB bandwidth in small signal
Small signal Vout =20 mVp-p
RL = 100
Ω
Gain = +2, Rfb = 620
Ω
Gain = +4, Rfb = 390
Ω
Gain = +8, Rfb = 390
Ω
140
300
210
110
MHz
Gain = +4, medium power
160
Gain = +4, low power
60
ROL
Open-loop transimpedance
RL = 100 Ω, Vout = 7 Vp-p
30
70
k
Ω
Tmin. < Tamb < Tmax.
50
SR
Slew rate
Gain = +4, RL = 100
Ω
Vout = 5 Vp-p
Vout = 10 Vp-p
400
650
1000
V/
μs
Medium power, V
out = 5 Vp-p
500
Low power, Vout = 5 Vp-p
200
VOH
High level output voltage
RL = 100 Ω
55.1
V
Tmin. < Tamb < Tmax.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com