Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R2 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMT-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ40Z50RSMT-R2 Datasheet HTML 12Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 13Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 14Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 15Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 16Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 17Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 18Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 19Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
16
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.31 OCD, SCC, SCD1, SCD2 Current Protection Thresholds
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOCD
OCD detection
threshold voltage range
VOCD = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–16.6
–100
mV
VOCD = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–8.3
–50
ΔVOCD
OCD detection
threshold voltage
program step
VOCD = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–5.56
mV
VOCD = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–2.78
VSCC
SCC detection
threshold voltage range
VSCC = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
44.4
200
mV
VSCC = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
22.2
100
ΔVSCC
SCC detection
threshold voltage
program step
VSCC = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
22.2
mV
VSCC = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
11.1
VSCD1
SCD1 detection
threshold voltage range
VSCD1 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–44.4
–200
mV
VSCD1 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–22.2
–100
ΔVSCD1
SCD1 detection
threshold voltage
program step
VSCD1 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–22.2
mV
VSCD1 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–11.1
VSCD2
SCD2 detection
threshold voltage range
VSCD2 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–44.4
–200
mV
VSCD2 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–22.2
–100
ΔVSCD2
SCD2 detection
threshold voltage
program step
VSCD2 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 1
–22.2
mV
VSCD2 = VSRP – VSRN, AFE PROTECTION
CONTROL[RSNS] = 0
–11.1
VOFFSET
OCD, SCC, and SCDx
offset error
Post-trim
–2.5
2.5
mV
VSCALE
OCD, SCC, and SCDx
scale error
No trim
–10%
10%
—
Post-trim
–5%
5%
7.32 Timing Requirements: OCD, SCC, SCD1, SCD2 Current Protection Timing
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
tOCD
OCD detection
delay time
1
31
ms
ΔtOCD
OCD detection
delay time
program step
2
ms
tSCC
SCC detection
delay time
0
915
µs
ΔtSCC
SCC detection
delay time
program step
61
µs
tSCD1
SCD1 detection
delay time
AFE PROTECTION CONTROL[SCDDx2] = 0
0
915
µs
AFE PROTECTION CONTROL[SCDDx2] = 1
0
1850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com