Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMT-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R2 Datasheet(HTML) 5 Page - Texas Instruments

  BQ40Z50RSMT-R2 Datasheet HTML 1Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 2Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 3Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 4Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
BAT
PACK
VCC
PBI
Reference
System
1.8 V
Domain
+
–
PACK
Detector
BATDET
ENVCC
3.1 V
Shutdown
Latch
BAT
Control
ENBAT
PACKDET
SHUTDOWN
SHOUT
BAT
CHG
Pump
CHG
2 k
CHGOFF
CHGEN
BAT
DSG
Pump
DSG
2 k
DSGEN
PACK
DSGOFF
Power Supply Control
CHG, DSG Drive
PCHG
2 k
VCC
PCHGEN
8 k
Pre-Charge Drive
VCC
Zero-Volt Charge
BAT
CHG
Pump
CHGEN
BAT
ZVCD
ZVCHGEN
Cell Balancing
VC1
VC2
VC3
VC4
CDEN4
CDEN3
CDEN2
CDEN1
ADC Mux
ADC
5
bq40z50-R2
www.ti.com
SLUSCS4 – JUNE 2017
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 1. Pin Equivalent Diagram 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com