Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R2 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMT-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ40Z50RSMT-R2 Datasheet HTML 9Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 10Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 11Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 12Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 13Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 14Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 15Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 16Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
13
bq40z50-R2
www.ti.com
SLUSCS4 – JUNE 2017
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.19 PCHG FET Drive
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(FETON)
Output voltage,
PCHG on
VPCHG(ON) = VVCC – VPCHG, 10 MΩ between VCC and
PCHG
6
7
8
V
V(FETOFF)
Output voltage,
PCHG off
VPCHG(OFF) = VVCC – VPCHG, 10 MΩ between VCC and
PCHG
–0.4
0.4
V
tR
Rise time
VPCHG from 10% to 90% VPCHG(ON)(TYP), VVCC ≥ 8 V, CL =
4.7 nF between PCHG and VCC, 5.1 kΩ between PCHG
and CL, 10 MΩ between VCC and CHG
40
200
µs
tF
Fall time
VPCHG from 90% to 10% VPCHG(ON)(TYP), VCC ≥ 8 V, CL =
4.7 nF between PCHG and VCC, 5.1 kΩ between PCHG
and CL, 10 MΩ between VCC and CHG
40
200
µs
7.20 FUSE Drive
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Output voltage
high
VBAT ≥ 8 V, CL = 1 nF, IAFEFUSE = 0 µA
6
7
8.65
V
VBAT < 8 V, CL = 1 nF, IAFEFUSE = 0 µA
VBAT – 0.1
VBAT
VIH
High-level input
1.5
2.0
2.5
V
IAFEFUSE(PU)
Internal pullup
current
VBAT ≥ 8 V, VAFEFUSE = VSS
150
330
nA
RAFEFUSE
Output impedance
2
2.6
3.2
kΩ
CIN
Input capacitance
5
pF
tDELAY
Fuse trip detection
delay
128
256
µs
tRISE
Fuse output rise
time
VBAT ≥ 8 V, CL = 1 nF, VOH = 0 V to 5 V
5
20
µs
7.21 Internal Temperature Sensor
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTEMP
Internal
temperature
sensor voltage drift
VTEMPP
–1.9
–2.0
–2.1
mV/°C
VTEMPP – VTEMPN, assured by design
0.177
0.178
0.179
7.22 TS1, TS2, TS3, TS4
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
range
TS1, TS2, TS3, TS4, VBIAS = VREF1
–0.2
0.8 × VREF1
V
TS1, TS2, TS3, TS4, VBIAS = VREG
–0.2
0.8 × VREG
RNTC(PU)
Internal pullup
resistance
TS1, TS2, TS3, TS4
14.4
18
21.6
kΩ
RNTC(DRIFT)
Resistance drift
over
temperature
TS1, TS2, TS3, TS4
–360
–280
–200
PPM/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com