Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R2 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMT-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button BQ40Z50RSMT-R2 Datasheet HTML 22Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 23Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 24Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 25Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 26Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 27Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 28Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 29Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
26
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.9 Authentication
The bq40z50-R2 supports authentication by the host using SHA-1.
8.3.10 LED Display
The bq40z50-R2 can drive a 3-, 4-, or 5- segment LED display for remaining capacity indication and/or a
permanent fail (PF) error code indication.
8.3.11 IATA Support
The bq40z50-R2 supports IATA with several new commands and procedures. See the bq40z50-R2 Technical
Reference Manual (SLUUBK0) for further details.
8.3.12 Voltage
The bq40z50-R2 updates the individual series cell voltages at 0.25-s intervals. The internal ADC of the bq40z50-
R2 measures the voltage, and scales and calibrates it appropriately. This data is also used to calculate the
impedance of the cell for the Impedance Track gas gauging.
8.3.13 Current
The bq40z50-R2 uses the SRP and SRN inputs to measure and calculate the battery charge and discharge
current using a 1-mΩ to 3-mΩ typ. sense resistor.
8.3.14 Temperature
The bq40z50-R2 has an internal temperature sensor and inputs for four external temperature sensors. All five
temperature sensor options can be individually enabled and configured for cell or FET temperature usage. Two
configurable thermistor models are provided to allow the monitoring of cell temperature in addition to FET
temperature, which use a different thermistor profile.
8.3.15 Communications
The bq40z50-R2 uses SMBus v1.1 with MASTER mode and packet error checking (PEC) options per the SBS
specification.
8.3.15.1 SMBus On and Off State
The bq40z50-R2 detects an SMBus off state when SMBC and SMBD are low for two or more seconds. Clearing
this state requires that either SMBC or SMBD transition high. The communication bus will resume activity within
1 ms.
8.3.15.2 SBS Commands
See the bq40z50-R2 Technical Reference Manual (SLUUBK0) for further details.
8.4 Device Functional Modes
The bq40z50-R2 supports three power modes to reduce power consumption:
•
In NORMAL mode, the bq40z50-R2 performs measurements, calculations, protection decisions, and data
updates in 250-ms intervals. Between these intervals, the bq40z50-R2 is in a reduced power stage.
•
In SLEEP mode, the bq40z50-R2 performs measurements, calculations, protection decisions, and data
updates in adjustable time intervals. Between these intervals, the bq40z50-R2 is in a reduced power stage.
The bq40z50-R2 has a wake function that enables exit from SLEEP mode when current flow or failure is
detected.
•
In SHUTDOWN mode, the bq40z50-R2 is completely disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com