Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R2 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMT-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R2 Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ40Z50RSMT-R2 Datasheet HTML 35Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 36Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 37Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 38Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 39Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 40Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 41Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 42Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Low Level Circuits
BAT +
BAT –
R1
J1
C1
F1
Q2
Q1
C3
C2
Copyright © 2016 , Texas Instruments Incorporated
39
bq40z50-R2
www.ti.com
SLUSCS4 – JUNE 2017
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Power Supply Recommendations
The device manages its supply voltage dynamically according to the operation conditions. Normally, the BAT
input is the primary power source to the device. The BAT pin should be connected to the positive termination of
the battery stack. The input voltage for the BAT pin ranges from 2.2 V to 26 V.
The VCC pin is the secondary power input, which activates when the BAT voltage falls below minimum VCC. This
enables the device to source power from a charger (if present) connected to the PACK pin. The VCC pin should
be connected to the common drain of the CHG and DSG FETs. The charger input should be connected to the
PACK pin.
11 Layout
11.1 Layout Guidelines
A battery fuel gauge circuit board is a challenging environment due to the fundamental incompatibility of high-
current traces and ultra-low current semiconductor devices. The best way to protect against unwanted trace-to-
trace coupling is with a component placement, such as that shown in Figure 43, where the high-current section is
on the opposite side of the board from the electronic devices. Clearly this is not possible in many situations due
to mechanical constraints. Still, every attempt should be made to route high-current traces away from signal
traces, which enter the bq40z50-R2 directly. IC references and registers can be disturbed and in rare cases
damaged due to magnetic and capacitive coupling from the high-current path. .
NOTE
During surge current and ESD events, the high-current traces appear inductive and can
couple unwanted noise into sensitive nodes of the gas gauge electronics, as illustrated in
Figure 44
Figure 43. Separating High- and Low-Current Sections Provides an Advantage in Noise Immunity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com