Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R2 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMT-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R2 Datasheet(HTML) 36 Page - Texas Instruments

Back Button BQ40Z50RSMT-R2 Datasheet HTML 32Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 33Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 34Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 35Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 36Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 37Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 38Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 39Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
36
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 33. bq40z50-R2 PACK and FET Control
The N-channel charge and discharge FETs are controlled with 5.1-kΩ series gate resistors, which provide a
switching time constant of a few microseconds. The 10-MΩ resistors ensure that the FETs are off in the event of
an open connection to the FET drivers. Q4 is provided to protect the discharge FET (Q3) in the event of a
reverse-connected charger. Without Q4, Q3 can be driven into its linear region and suffer severe damage if the
PACK+ input becomes slightly negative.
Q4 turns on in that case to protect Q3 by shorting its gate to source. To use the simple ground gate circuit, the
FET must have a low gate turn-on threshold. If it is desired to use a more standard device, such as the 2N7002
as the reference schematic, the gate should be biased up to 3.3 V with a high-value resistor. The bq40z50-R2
device has the capability to provide a current-limited charging path typically used for low battery voltage or low
temperature charging. The bq40z50-R2 device uses an external P-channel, pre-charge FET controlled by PCHG.
9.2.2.3.4
Temperature Output
For the bq40z50-R2 device, TS1, TS2, TS3, and TS4 provide thermistor drive-under program control. Each pin
can be enabled with an integrated 18-k
Ω (typical) linearization pullup resistor to support the use of a 10-kΩ at
25°C (103) NTC external thermistor such as a Mitsubishi BN35-3H103. The reference design includes four 10-k
Ω
thermistors: RT2, RT3, RT4, and RT5. The bq40z50-R2 device supports up to four external thermistors. Connect
unused thermistor pins to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com