Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R2 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMT-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R2 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ40Z50RSMT-R2 Datasheet HTML 13Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 14Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 15Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 16Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 17Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 18Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 19Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 20Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
17
bq40z50-R2
www.ti.com
SLUSCS4 – JUNE 2017
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Timing Requirements: OCD, SCC, SCD1, SCD2 Current Protection Timing (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
ΔtSCD1
SCD1 detection
delay time
program step
AFE PROTECTION CONTROL[SCDDx2] = 0
61
µs
AFE PROTECTION CONTROL[SCDDx2] = 1
121
tSCD2
SCD2 detection
delay time
AFE PROTECTION CONTROL[SCDDx2] = 0
0
458
µs
AFE PROTECTION CONTROL[SCDDx2] = 1
0
915
ΔtSCD2
SCD2 detection
delay time
program step
AFE PROTECTION CONTROL[SCDDx2] = 0
30.5
µs
AFE PROTECTION CONTROL[SCDDx2] = 1
61
tDETECT
Current fault
detect time
VSRP – VSRN = VT – 3 mV for OCD, SCD1, and SC2,
VSRP – VSRN = VT + 3 mV for SCC
160
µs
tACC
Current fault
delay time
accuracy
Max delay setting
–10%
10%
7.33 Timing Requirements: SMBus
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
fSMB
SMBus operating
frequency
SLAVE mode, SMBC 50% duty cycle
10
100
kHz
fMAS
SMBus master clock
frequency
MASTER mode, no clock low slave extend
51.2
kHz
tBUF
Bus free time between start
and stop
4.7
µs
tHD(START)
Hold time after (repeated)
start
4.0
µs
tSU(START)
Repeated start setup time
4.7
µs
tSU(STOP)
Stop setup time
4.0
µs
tHD(DATA)
Data hold time
300
ns
tSU(DATA)
Data setup time
250
ns
tTIMEOUT
Error signal detect time
25
35
ms
tLOW
Clock low period
4.7
µs
tHIGH
Clock high period
4.0
50
µs
tR
Clock rise time
10% to 90%
1000
ns
tF
Clock fall time
90% to 10%
300
ns
tLOW(SEXT)
Cumulative clock low slave
extend time
25
ms
tLOW(MEXT)
Cumulative clock low
master extend time
10
ms
7.34 Timing Requirements: SMBus XL
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
fSMBXL
SMBus XL operating
frequency
SLAVE mode
40
400
kHz
tBUF
Bus free time between start
and stop
4.7
µs
tHD(START)
Hold time after (repeated)
start
4.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com