Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMT-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R2 Datasheet(HTML) 3 Page - Texas Instruments

  BQ40Z50RSMT-R2 Datasheet HTML 1Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 2Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 3Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 4Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
1
PBI
24
PTCEN
2
VC4
23
PTC
3
VC3
22
LEDCNTLC
4
VC2
21
LEDCNTLB
5
VC1
20
LEDCNTLA
6
SRN
19
SMBC
7
NC
18
SMBD
8
SRP
17
DISP
Not to scale
Thermal
Pad
3
bq40z50-R2
www.ti.com
SLUSCS4 – JUNE 2017
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
P = Power Connection, O = Digital Output, AI = Analog Input, I = Digital Input, I/OD = Digital Input/Output
5 Description (continued)
The bq40z50-R2 device supports TURBO Mode 2.0 by providing the available max power and max current to the
host system. The device also supports Battery Trip Point to send a BTP interrupt signal to the host system at the
preset state of charge thresholds.
The bq40z50-R2 provides software-based 1st- and 2nd-level safety protection against overvoltage, undervoltage,
overcurrent, short-circuit current, overload, and overtemperature conditions, as well as other pack- and cell-
related faults.
SHA-1 authentication, with secure memory for authentication keys, enables identification of genuine battery
packs.
The compact 32-lead QFN package minimizes solution cost and size for smart batteries while providing
maximum functionality and safety for battery gauging applications.
6 Pin Configuration and Functions
RSM Package
32-Pin VQFN with Exposed Thermal Pad
Top View
Pin Functions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
PBI
P(1)
Power supply backup input pin
2
VC4
IA
Sense voltage input pin for the most positive cell, and balance current input
for the most positive cell
3
VC3
IA
Sense voltage input pin for the second-most positive cell, balance current
input for the second-most positive cell, and return balance current for the
most positive cell
4
VC2
IA
Sense voltage input pin for the third-most positive cell, balance current input
for the third-most positive cell, and return balance current for the second-
most positive cell
5
VC1
IA
Sense voltage input pin for the least positive cell, balance current input for
the least positive cell, and return balance current for the third-most positive
cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com