Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R2 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMT-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMT-R2 Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ40Z50RSMT-R2 Datasheet HTML 16Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 17Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 18Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 19Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 20Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 21Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 22Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 23Page - Texas Instruments BQ40Z50RSMT-R2 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
432
434
436
438
440
442
444
446
448
450
452
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C014
400
420
440
460
480
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C015
±173.6
±173.5
±173.4
±173.3
±173.2
±173.1
±173.0
±172.9
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C012
10.70
10.75
10.80
10.85
10.90
10.95
11.00
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C013
86.2
86.4
86.6
86.8
87.0
87.2
87.4
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C010
±87.2
±87.0
±86.8
±86.6
±86.4
±86.2
±86.0
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C011
20
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Threshold setting is 88.85 mV.
Figure 11. Short Circuit Charge Protection Threshold vs.
Temperature
Threshold setting is –88.85 mV.
Figure 12. Short Circuit Discharge 1 Protection Threshold
vs. Temperature
Threshold setting is –177.7 mV.
Figure 13. Short Circuit Discharge 2 Protection Threshold
vs. Temperature
Threshold setting is 11 ms.
Figure 14. Overcurrent Delay Time vs. Temperature
Threshold setting is 465 µs.
Figure 15. Short Circuit Charge Current Delay Time vs.
Temperature
Threshold setting is 465 µs (including internal delay).
Figure 16. Short Circuit Discharge 1 Delay Time vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com