Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 104 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 104 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 100Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 101Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 102Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 103Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 104Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 105Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 106Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 107Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 108Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 235 page
background image
Rev. 1.30
104
�ove��e� 1�� �01�
Rev. 1.30
105
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Timer Modules – TM
Oneofthemostfundamentalfunctionsinanymicrocontrollerdeviceistheabilitytocontroland
measuretime.ToimplementtimerelatedfunctionsthedevicesincludeseveralTimerModules,
abbreviatedtothenameTM.TheTMsaremulti-purposetimingunitsandservetoprovide
operationssuchasTimer/Counter,InputCapture,CompareMatchOutputandSinglePulseOutput
aswellasbeingthefunctionalunitforthegenerationofPWMsignals.EachoftheTMshastwo
individualinterrupts.TheadditionofinputandoutputpinsforeachTMensuresthatusersare
providedwithtimingunitswithawideandflexiblerangeoffeatures.
ThecommonfeaturesofthedifferentTMtypesaredescribedherewithmoredetailedinformation
providedintheindividualCompact,StandardandPeriodicTMsections.
Introduction
ThedevicescontaintwotofourTMsdependinguponwhichdeviceisselected.TheHT69F340
devicecontainsa10-bitCompactTM-CTManda10-bitPeriodicTM-PTM.TheHT69F350device
containsa10-bitCompactTM-CTM,a16-bitStandardTM-STManda10-bitPeriodicTM-PTM.
TheHT69F360devicecontainsa10-bitCompactTM-CTM,a16-bitStandardTM-STMandtwo10-bit
PeriodicTMs-PTM0andPTM1.Althoughsimilarinnature,thedifferentTMtypesvaryintheir
featurecomplexity.ThecommonfeaturestotheCompact,StandardandPeriodicTMswillbe
describedinthissectionandthedetailedoperationwillbedescribedincorrespondingsections.The
mainfeaturesanddifferencesbetweenthethreetypesofTMsaresummarisedintheaccompanying
table.
Function
CTM
STM
PTM
Ti�e�/Counte�
√
√
√
Input Captu�e
—
√
√
Co�pa�e Match Output
√
√
√
PWM Channels
1
1
1
Single Pulse Output
—
1
1
PWM Align�ent
Edge
Edge
Edge
PWM Adjust�ent Pe�iod & Duty
Duty o� Pe�iod
Duty o� Pe�iod
Duty o� Pe�iod
TM Function Summary
Device
CTM
STM
PTM
HT�9F340
10-�it CTM
—
10-�it PTM
HT�9F350
10-�it CTM
1�-�it STM
10-�it PTM
HT�9F3�0
10-�it PTM0
10-�it PTM1
TM Type Reference
TM Operation
ThethreedifferenttypesofTMsofferadiverserangeoffunctions,fromsimpletimingoperations
toPWMsignalgeneration.ThekeytounderstandinghowtheTMoperatesistoseeitintermsof
afreerunningcounterwhosevalueisthencomparedwiththevalueofpre-programmedinternal
comparators.Whenthefreerunningcounterhasthesamevalueasthepre-programmedcomparator,
knownasacomparematchsituation,aTMinterruptsignalwillbegeneratedwhichcanclearthe
counterandperhapsalsochangetheconditionoftheTMoutputpin.TheinternalTMcounteris
drivenbyauserselectableclocksource,whichcanbeaninternalclockoranexternalpin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com