Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 108 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 108 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 104Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 105Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 106Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 107Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 108Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 109Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 110Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 111Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 112Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 235 page
background image
Rev. 1.30
10�
�ove��e� 1�� �01�
Rev. 1.30
109
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Register
Name
Bit
7
6
5
4
3
2
1
0
CTMC0
CTPAU
CTCK�
CTCK1
CTCK0
CTO�
CTRP�
CTRP1
CTRP0
CTMC1
CTM1
CTM0
CTIO1
CTIO0
CTOC
CTPOL
CTDPX CTCCLR
CTMDL
D7
D�
D5
D4
D3
D�
D1
D0
CTMDH
—
—
—
—
—
—
D9
D�
CTMAL
D7
D�
D5
D4
D3
D�
D1
D0
CTMAH
—
—
—
—
—
—
D9
D�
Compact TM Register List
CTMC0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
CTPAU
CTCK�
CTCK1
CTCK0
CTO�
CTRP�
CTRP1
CTRP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
CTPAU:CTMCounterPauseControl
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheTMwillremainpoweredup
andcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhenthisbit
changesfromlowtohighandresumecountingfromthisvaluewhenthebitchanges
toalowvalueagain.
Bit6~4
CTCK2 ~ CTCK0:SelectCTMCounterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fSUB
101:Reserved
110:CTCKrisingedgeclock
111:CTCKfallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheTM.SelectingtheReserved
clockinputwilleffectivelydisabletheinternalcounter.Theexternalpinclocksource
canbechosentobeactiveontherisingorfallingedge.TheclocksourcefSYSisthe
systemclock,whilefHandfSUBareotherinternalclocks,thedetailsofwhichcanbe
foundintheoscillatorsection.
Bit3
CTON:CTMCounterOn/OffControl
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheTM.Settingthebithighenablesthe
countertorun,clearingthebitdisablestheTM.Clearingthisbittozerowillstopthe
counterfromcountingandturnofftheTMwhichwillreduceitspowerconsumption.
Whenthebitchangesstatefromlowtohightheinternalcountervaluewillberesetto
zero,howeverwhenthebitchangesfromhightolow,theinternalcounterwillretain
itsresidualvalueuntilthebitreturnshighagain.
IftheTMisintheCompareMatchOutputModethentheTMoutputpinwillbereset
toitsinitialcondition,asspecifiedbytheCTOCbit,whentheCTONbitchangesfrom
lowtohigh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com