Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 136 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 136 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 132Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 133Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 134Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 135Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 136Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 137Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 138Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 139Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 140Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 235 page
background image
Rev. 1.30
13�
�ove��e� 1�� �01�
Rev. 1.30
137
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
ThesetwobitsareusedtodeterminehowtheTMoutputpinchangesstatewhen
acertainconditionisreached.Thefunctionthatthesebitsselectdependsuponin
whichmodetheTMisrunning.IntheCompareMatchOutputMode,thePTnIO1and
PTnIO0bitsdeterminehowtheTMoutputpinchangesstatewhenacomparematch
occursfromtheComparatorA.TheTMoutputpincanbesetuptoswitchhigh,switch
lowortotoggleitspresentstatewhenacomparematchoccursfromtheComparatorA.
Whenthebitsarebothzero,thennochangewilltakeplaceontheoutput.Theinitial
valueoftheTMoutputpinshouldbesetupusingthePTnOCbitinthePTMnC1
register.NotethattheoutputlevelrequestedbythePTnIO1andPTnIO0bitsmustbe
differentfromtheinitialvaluesetupusingthePTnOCbitotherwisenochangewill
occurontheTMoutputpinwhenacomparematchoccurs.AftertheTMoutputpin
changesstate,itcanberesettoitsinitiallevelbychangingthelevelofthePTnONbit
fromlowtohigh.
Bit3
PTnOC:PTPnOutputcontrolbit
CompareMatchOutputMode
0:Initiallow
1:Initialhigh
PWMMode/SinglePulseOutputMode
0:Activelow
1:Activehigh
ThisistheoutputcontrolbitfortheTMoutputpin.Itsoperationdependsupon
whetherTMisbeingusedintheCompareMatchOutputModeorinthePWMMode/
SinglePulseOutputMode.IthasnoeffectiftheTMisintheTimer/CounterMode.In
theCompareMatchOutputModeitdeterminesthelogicleveloftheTMoutputpin
beforeacomparematchoccurs.InthePWMModeitdeterminesifthePWMsignalis
activehighoractivelow.
Bit2
PTnPOL:PTPnOutputpolaritycontrol
0:Non-invert
1:Invert
ThisbitcontrolsthepolarityofthePTPnoutputpin.WhenthebitissethightheTM
outputpinwillbeinvertedandnotinvertedwhenthebitiszero.Ithasnoeffectifthe
TMisintheTimer/CounterMode.
Bit1
PTnCKS:InputCapturetriggersourceselection
0:ExternalClocksourceofCaptureInputModecomesfromPTPn
1:ExternalClocksourceofCaptureInputModecomesfromPTCKn
Bit0
PTnCCLR:SelectPTMnCounterclearcondition
0:PTMnComparatorPmatch
1:PTMnComparatorAmatch
Thisbitisusedtoselectthemethodwhichclearsthecounter.RememberthattheP-type
TMcontainstwocomparators,ComparatorAandComparatorP,eitherofwhichcan
beselectedtocleartheinternalcounter.WiththePTnCCLRbitsethigh,thecounter
willbeclearedwhenacomparematchoccursfromtheComparatorA.Whenthebitis
low,thecounterwillbeclearedwhenacomparematchoccursfromtheComparator
Porwithacounteroverflow.Acounteroverflowclearingmethodcanonlybe
implementediftheCCRPbitsareallclearedtozero.ThePTnCCLRbitisnotusedin
thePWM,SinglePulseorInputCaptureMode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com