Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 138 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 138 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 134Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 135Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 136Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 137Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 138Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 139Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 140Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 141Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 142Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 235 page
background image
Rev. 1.30
13�
�ove��e� 1�� �01�
Rev. 1.30
139
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
PTMnRPH Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
—
—
—
D9
D�
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas“0”
Bit1~0
D9~D8:PTMnCCRPRegisterbit1~bit0
PTMn10-bitCCRPbit9~bit8
Periodic Type TM Operating Modes
TheP-typeTMcanoperateinoneoffiveoperatingmodes,CompareMatchOutputMode,PWM
OutputMode,SinglePulseOutputMode,CaptureInputModeorTimer/CounterMode.The
operatingmodeisselectedusingthePTnM1andPTnM0bitsinthePTMnC1register.
Compare Output Mode
Toselectthismode,bitsPTnM1andPTnM0inthePTMnC1register,shouldbesetto00
respectively.Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythree
methods.Theseareacounteroverflow,acomparematchfromComparatorAandacomparematch
fromComparatorP.WhenthePTnCCLRbitislow,therearetwowaysinwhichthecountercanbe
cleared.OneiswhenacomparematchfromComparatorP,theotheriswhentheCCRPbitsareall
zerowhichallowsthecountertooverflow.HerebothPTMnAFandPTMnPFinterruptrequestflags
forComparatorAandComparatorPrespectively,willbothbegenerated.
IfthePTnCCLRbitinthePTMnC1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlythePTMnAFinterruptrequestflagwill
begeneratedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Therefore
whenPTnCCLRishighnoPTMnPFinterruptrequestflagwillbegenerated.IntheCompareMatch
OutputMode,theCCRAcannotbesetto“0”.
Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpin,willchange
state.TheTMoutputpinconditionhoweveronlychangesstatewhenaPTMnAFinterruptrequest
flagisgeneratedafteracomparematchoccursfromComparatorA.ThePTMnPFinterruptrequest
flag,generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheTM
outputpin.ThewayinwhichtheTMoutputpinchangesstatearedeterminedbytheconditionof
thePTnIO1andPTnIO0bitsinthePTMnC1register.TheTMoutputpincanbeselectedusing
thePTnIO1andPTnIO0bitstogohigh,togolowortotogglefromitspresentconditionwhena
comparematchoccursfromComparatorA.TheinitialconditionoftheTMoutputpin,whichis
setupafterthePTnONbitchangesfromlowtohigh,issetupusingthePTnOCbit.Notethatifthe
PTnIO1andPTnIO0bitsarezerothennopinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com