Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 151 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 151 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 147Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 148Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 149Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 150Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 151Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 152Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 153Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 154Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 155Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 235 page
background image
Rev. 1.30
150
�ove��e� 1�� �01�
Rev. 1.30
151
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Bit0
TRF:SPITransmit/ReceiveCompleteflag
0:Dataisbeingtransferred
1:SPIdatatransmissioniscompleted
TheTRFbitistheTransmit/ReceiveCompleteflagandisset“1”automaticallywhen
anSPIdatatransmissioniscompleted,butmustsetto“0”bytheapplicationprogram.
Itcanbeusedtogenerateaninterrupt.
SPI Communication
AftertheSPIinterfaceisenabledbysettingtheSIMENbithigh,thenintheMasterMode,when
dataiswrittentotheSIMDregister,transmission/receptionwillbeginsimultaneously.Whenthe
datatransferiscomplete,theTRFflagwillbesetautomatically,butmustbeclearedusingthe
applicationprogram.IntheSlaveMode,whentheclocksignalfromthemasterhasbeenreceived,
anydataintheSIMDregisterwillbetransmittedandanydataontheSDIpinwillbeshiftedinto
theSIMDregister.ThemastershouldoutputaSCSsignaltoenabletheslavedevicebeforeaclock
signalisprovided.Theslavedatatobetransferredshouldbewellpreparedattheappropriate
momentrelativetotheSCSsignaldependingupontheconfigurationsoftheCKPOLBbitandCKEG
bit.TheaccompanyingtimingdiagramshowstherelationshipbetweentheslavedataandSCSsignal
forvariousconfigurationsoftheCKPOLBandCKEGbits.TheSPIwillcontinuetofunctioneven
intheIDLEMode.
SC K (C KP OL B= 1, C KE G= 0)
SI ME N, C SE N= 1
SI ME N= 1, C SE N= 0 (E xt er nal P ul l- Hi gh )
SC K (C KP OL B= 0 , C KE G= 0)
SC K (C KP OL B= 1 , C KE G= 1)
SC K (C KP OL B= 0 , C KE G= 1)
SD O (C KE G= 0)
SD O (C KE G= 1)
SC S
SD I Da ta C apt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3 D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3 D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S IM D
SPI Master Mode Timing
SC K (C KP OL B= 1)
SC K (C KP OL B= 0)
SD O
SC S
SD I Da ta C apt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3 D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S IM D
(S DO d oe s not c hange un ti l fi rs t SC K edge )
SPI Slave Mode Timing – CKEG=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com