Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 155 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 155 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 151Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 152Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 153Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 154Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 155Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 156Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 157Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 158Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 159Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 235 page
background image
Rev. 1.30
154
�ove��e� 1�� �01�
Rev. 1.30
155
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Bit1
SIMEN:SIMControl
0:Disable
1:Enable
Thebitistheoverallon/offcontrolfortheSIMinterface.WhentheSIMENbitis
clearedtozerotodisabletheSIMinterface,theSDI,SDO,SCKandSCS,orSDAand
SCLlineswilllosetheirSPIorI2CfunctionandtheSIMoperatingcurrentwillbe
reducedtoaminimumvalue.WhenthebitishightheSIMinterfaceisenabled.Ifthe
SIMisconfiguredtooperateasanSPIinterfaceviatheSIM2~SIM0bits,thecontents
oftheSPIcontrolregisterswillremainattheprevioussettingswhentheSIMENbit
changesfromlowtohighandshouldthereforebefirstinitialisedbytheapplication
program.IftheSIMisconfiguredtooperateasanI2CinterfaceviatheSIM2~SIM0
bitsandtheSIMENbitchangesfromlowtohigh,thecontentsoftheI2Ccontrolbits
suchasHTXandTXAKwillremainattheprevioussettingsandshouldthereforebe
firstinitialisedbytheapplicationprogramwhiletherelevantI2CflagssuchasHCF,
HAAS,HBB,SRWandRXAKwillbesettotheirdefaultstates.
Bit0
SIMICF:SIMIncompleteFlag
0:SIMincompleteisnotoccurred
1:SIMincompleteisoccurred
TheSIMICFbitisdeterminedbySCSpin.WhenSCSpinissetto“1”,itwillclearthe
SPIcounter.Meanwhile,theinterruptisoccurred,ifslavedevicedidn’tcompletedata
received,thentheincompleteflag,SIMICF,issetto“1”.
SIMC1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
HCF
HAAS
HBB
HTX
TXAK
SRW
IAMWU
RXAK
R/W
R
R
R
R/W
R/W
R
R/W
R
POR
1
0
0
0
0
0
0
1
Bit7
HCF:I2CBusdatatransfercompletionflag
0:Dataisbeingtransferred
1:Completionofan8-bitdatatransfer
TheHCFflagisthedatatransferflag.Thisflagwillbezerowhendataisbeing
transferred.Uponcompletionofan8-bitdatatransfertheflagwillgohighandan
interruptwillbegenerated.
Bit6
HAAS:I2CBusaddressmatchflag
0:Notaddressmatch
1:Addressmatch
TheHAASflagistheaddressmatchflag.Thisflagisusedtodetermineiftheslave
deviceaddressisthesameasthemastertransmitaddress.Iftheaddressesmatchthen
thisbitwillbehigh,ifthereisnomatchthentheflagwillbelow.
Bit5
HBB:I2CBusbusyflag
0:I2CBusisnotbusy
1:I2CBusisbusy
TheHBBflagistheI2Cbusyflag.Thisflagwillbe“1”whentheI2Cbusisbusy
whichwilloccurwhenaSTARTsignalisdetected.Theflagwillbesetto“0”when
thebusisfreewhichwilloccurwhenaSTOPsignalisdetected.
Bit4
HTX:SelectI2Cslavedeviceistransmitterorreceiver
0:Slavedeviceisthereceiver
1:Slavedeviceisthetransmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com