Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 158 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 158 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 154Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 155Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 156Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 157Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 158Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 159Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 160Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 161Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 162Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 235 page
background image
Rev. 1.30
15�
�ove��e� 1�� �01�
Rev. 1.30
159
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
I2C Bus Communication
CommunicationontheI2Cbusrequiresfourseparatesteps,aSTARTsignal,aslavedeviceaddress
transmission,adatatransmissionandfinallyaSTOPsignal.WhenaSTARTsignalisplacedon
theI2Cbus,alldevicesonthebuswillreceivethissignalandbenotifiedoftheimminentarrivalof
dataonthebus.Thefirstsevenbitsofthedatawillbetheslaveaddresswiththefirstbitbeingthe
MSB.Iftheaddressoftheslavedevicematchesthatofthetransmittedaddress,theHAASbitinthe
SIMC1registerwillbesetandanI2Cinterruptwillbegenerated.Afterenteringtheinterruptservice
routine,theslavedevicemustfirstchecktheconditionoftheHAASbittodeterminewhetherthe
interruptsourceoriginatesfromanaddressmatchorfromthecompletionofan8-bitdatatransfer.
Duringadatatransfer,notethatafterthe7-bitslaveaddresshasbeentransmitted,thefollowingbit,
whichisthe8thbit,istheread/writebitwhosevaluewillbeplacedintheSRWbit.Thisbitwillbe
checkedbytheslavedevicetodeterminewhethertogointotransmitorreceivemode.Beforeany
transferofdatatoorfromtheI2Cbus,themicrocontrollermustinitializethebus,thefollowingare
stepstoachievethis:
• Step1
SettheSIM2~SIM0andSIMENbitsintheSIMC0registerto“110”and“1”toenabletheI2Cbus.
• Step2
WritetheslaveaddressofthedevicetotheI2CbusaddressregisterSIMA.
• Step3
SettheSIMEbitoftheinterruptcontrolregistertoenabletheSIMinterrupt.
St ar t
Wr it e Sl av e
Ad dr es s to S IM A
SE T SI M[ 2: 0] =1 10
SE T SI ME N
I 2 C Bu s
In te rr upt =?
Ye s
No
SE T SI ME
Wa it fo r In te rr up t
Go to M ai n Pr ogr am
CL R SI ME
Po ll S IM F to d ec id e
wh en to g o to I 2 C Bu s IS R
Go to M ai n Pr ogr am
I2C Bus Initialisation Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com