Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 162 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 162 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 158Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 159Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 160Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 161Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 162Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 163Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 164Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 165Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 166Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 235 page
background image
Rev. 1.30
1��
�ove��e� 1�� �01�
Rev. 1.30
1�3
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
I C ti me - out
c oun te r st ar t
I C ti me - out c oun te r re se t
on SC L negat iv e tr ans it io n
10
1
00
1
0
0
1
0
01010
1
1
SC L
St ar t
SD A
SR W
AC K
St op
SC L
SD A
Sl av e Ad dr es s
2
2
I2C Time-out
WhenanI2Ctime-outcounteroverflowoccurs,thecounterwillstopandtheSIMTOENbitwill
beclearedtozeroandtheSIMTOFbitwillbesethightoindicatethatatime-outconditionhas
occurred.Thetime-outconditionwillalsogenerateaninterruptwhichusestheI2Cinterruptvector.
WhenanI2Ctime-outoccurs,theI2Cinternalcircuitrywillberesetandtheregisterswillbereset
intothefollowingcondition:
Register
After I2C Time-out
SIMD� SIMA� SIMC0
�o change
SIMC1
Reset to POR condition
I2C Registers after Time-out
TheSIMTOFflagcanbeclearedbytheapplicationprogram.Thereare64time-outperiodselections
whichcanbeselectedusingtheSIMTOSbitsintheSIMTOCregister.Thetime-outdurationis
calculatedbytheformula:((1~64)×(32/fSUB)).Thisgivesatime-outperiodwhichrangesfrom
about1msto64ms.
SIMTOC Register
Bit
7
6
5
4
3
2
1
0
�a�e
SIMTOE� SIMTOF SIMTOS5 SIMTOS4 SIMTOS3 SIMTOS� SIMTOS1 SIMTOS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
SIMTOEN:I2CTime-outControl
0:Disable
1:Enable
Bit6
SIMTOF:I2CTime-outflag
0:Notime-outoccurred
1:Time-outoccurred
Bit5~0
SIMTOS5~SIMTOS0:I2CTime-outTimeSelection
I2CTime-outclocksourceisfSUB/32
I2CTime-outtimeisgivenby:(SIMTOS[5:0]+1)×(32/fSUB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com