Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 60 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 60 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 56Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 57Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 58Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 59Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 60Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 61Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 62Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 63Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 64Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 235 page
background image
Rev. 1.30
�0
�ove��e� 1�� �01�
Rev. 1.30
�1
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Oscillators
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughsomeregisters.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBaseInterrupts.Externaloscillatorsrequiringsomeexternal
componentsaswellasfullyintegratedinternaloscillators,requiringnoexternalcomponents,are
providedtoformawiderangeofbothfastandslowsystemoscillators.Thehigherfrequency
oscillatorsprovidehigherperformancebutcarrywithitthedisadvantageofhigherpower
requirements,whiletheoppositeisofcoursetrueforthelowerfrequencyoscillators.Withthe
capabilityofdynamicallyswitchingbetweenfastandslowsystemclock,thesedeviceshavethe
flexibilitytooptimizetheperformance/powerratio,afeatureespeciallyimportantinpowersensitive
portableapplications.
Type
Name
Freq.
Pins
Exte�nal High Speed C�ystal
HXT
400kHz~1�MHz
OSC1/OSC�
Inte�nal High Speed RC
HIRC
4� �� 1�MHz
—
Exte�nal Low Speed C�ystal
LXT
3�.7��kHz
XT1/XT�
Inte�nal Low Speed RC
LIRC
3�kHz
—
Oscillator Types
System Clock Configurations
Therearefourmethodsofgeneratingthesystemclock,twohighspeedoscillatorsandtwolow
speedoscillators.Thehighspeedoscillatorsaretheexternalcrystal/ceramicoscillator,HXT,and
theinternal4/8/12MHzRCoscillator,HIRC.Thetwolowspeedoscillatorsaretheinternal32kHz
RCoscillatorandtheexternal32.768kHzcrystaloscillator.Selectingwhethertheloworhigh
speedoscillatorisusedasthesystemoscillatorisimplementedusingtheCKS2~CKS0bitsinthe
SCCregisterandasthesystemclockcanbedynamicallyselected.Itisnotpossibletochooseano-
oscillatorselectionforeitherthehighorlowspeedoscillator.
HXT
HIRC
P�escale�
fH
High Speed
Oscillato�s
Low Speed
Oscillato�s
fH/�
fH/1�
fH/�4
fH/�
fH/4
fH/3�
FHS
CKS�~CKS0
fSYS
fSUB
HXTE�
HIRCE�
LXT
LIRC
FSS
LXTE�
fSUB
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com