Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 10Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 11Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 12Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 13Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 14Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 15Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 16Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 17Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 235 page
background image
Rev. 1.30
14
�ove��e� 1�� �01�
Rev. 1.30
15
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Pin Name
Function OPT
I/T
O/T
Description
PB0/OSC1
PB0
PBPU
PBFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
OSC1
SCC
HXTC
PBFS
HXT
─
HXT oscillato� pin
PB1/OSC�
PB1
PBPU
PBFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
OSC�
SCC
HXTC
PBFS
─
HXT HXT oscillato� pin
PB�/XT1
PB�
PBPU
PBFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
XT1
SCC
LXTC
PBFS
LXT
─
LXT oscillato� pin
PB3/XT�
PB3
PBPU
PBFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
XT�
SCC
LXTC
PBFS
─
LXT LXT oscillato� pin
PC0/V�
PC0
PCPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
V�
─
─
AO LCD voltage pu�p
PC1/C1
PC1
PCPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
C1
─
─
AO LCD voltage pu�p
PC�/C�
PC�
PCPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
C�
─
─
AO LCD voltage pu�p
PD0/SEG0/I�T1
PD0
PDPU
PDFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG0
PDFS
─
AO LCD d�ive� output fo� LCD panel seg�ent
I�T1
SFS
ST
─
Exte�nal Inte��upt 1
PD1/SEG1/
CTCK
PD1
PDPU
PDFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG1
PDFS
─
AO LCD d�ive� output fo� LCD panel seg�ent
CTCK
SFS
ST
─
CTM clock input
PD�/SEG�/
CTP_�
PD�
PDPU
PDFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�
PDFS
SFS
─
AO LCD d�ive� output fo� LCD panel seg�ent
CTP_�
PDFS
SFS
─
CMOS CTM output
PD3/SEG3/
PTCK
PD3
PDPU
PDFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG3
PDFS
─
AO LCD d�ive� output fo� LCD panel seg�ent
PTCK
SFS
ST
─
PTM clock input
PD4/SEG4/
PTP_0
PD4
PDPU
PDFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG4
PDFS
SFS
─
AO LCD d�ive� output fo� LCD panel seg�ent
PTP_0
PDFS
SFS
─
CMOS PTM output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com