Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 33Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 34Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 35Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 36Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 37Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 38Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 39Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 40Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 235 page
background image
Rev. 1.30
3�
�ove��e� 1�� �01�
Rev. 1.30
37
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Table Read Program Example
tempreg1 db ?
; temporary register #1 in current page
tempreg2 db ?
; temporary register #2 in current page
:
:
mov a,06h
; initialise low table pointer - note that this address is referenced
mov tblp,a
; to the last page or the page that tbhp pointed
mov a,1fh
; initialise high table pointer
mov tbhp,a
; it is not necessary to set tbhp if executing tabrdl
:
:
tabrd tempreg1
tabrdl tempreg1
; transfers value in table referenced by table pointer data at program
; memory address “1F06H” transferred to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrd tempreg2
tabrdl tempreg2
; transfers value in table referenced by table pointer data at program
; memory address “1F05H” transferred to tempreg2 and TBLH. In this
; example the data “1AH” is transferred to tempreg1 and data “0FH” to
; register tempreg2 while the value “00H” will be transferred to the
; high byte register TBLH
:
:
org 1F00h
; sets initial address of program memory
dc 000Ah, 000Bh, 000Ch, 000Dh, 000Eh, 000Fh, 001Ah, 001Bh
:
:
In Circuit Programming
TheprovisionofFlashtypeProgramMemoryprovidestheuserwithameansofconvenientand
easyupgradesandmodificationstotheirprogramsonthesamedevice.
Asanadditionalconvenience,Holtekhasprovidedameansofprogrammingthemicrocontrollerin-
circuitusinga4-pininterface.Thisprovidesmanufacturerswiththepossibilityofmanufacturing
theircircuitboardscompletewithaprogrammedorun-programmedmicrocontroller,andthen
programmingorupgradingtheprogramatalaterstage.Thisenablesproductmanufacturerstoeasily
keeptheirmanufacturedproductssuppliedwiththelatestprogramreleaseswithoutremovalandre-
insertionofthedevice.
Holtek Write Pins
MCU Programming Pins
Function
ICPDA
PA0
P�og�a��ing Se�ial Data/Add�ess
ICPCK
PA�
P�og�a��ing Clock
VDD
VDD
Powe� Supply
VSS
VSS
G�ound
TheProgramMemoryandEEPROMdatamemorycanbothbeprogrammedseriallyin-circuitusing
this4-wireinterface.Dataisdownloadedanduploadedseriallyonasinglepinwithanadditional
linefortheclock.Twoadditionallinesarerequiredforthepowersupplyandground.Thetechnical
detailsregardingthein-circuitprogrammingofthedevicesarebeyondthescopeofthisdocument
andwillbesuppliedinsupplementaryliterature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com