Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 12Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 13Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 14Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 15Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 16Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 17Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 18Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 19Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 235 page
background image
Rev. 1.30
1�
�ove��e� 1�� �01�
Rev. 1.30
17
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Pin Name
Function OPT
I/T
O/T
Description
PF3/SEG19
PF3
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG19
PFFS
─
AO LCD d�ive� output fo� LCD panel seg�ent
PF4/SEG�0
PF4
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�0
PFFS
─
AO LCD d�ive� output fo� LCD panel seg�ent
PF5/SEG�1
PF5
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�1
PFFS
─
AO LCD d�ive� output fo� LCD panel seg�ent
PF�/SEG��
PF�
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG��
PFFS
─
AO LCD d�ive� output fo� LCD panel seg�ent
PF7/SEG�3
PF7
PFPU
PFFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SEG�3
PFFS
─
AO LCD d�ive� output fo� LCD panel seg�ent
COM0~COM�
COMn
─
─
AO LCD d�ive� output fo� LCD panel co��on
COM3/SEG�4
COM3
─
─
AO LCD d�ive� output fo� LCD panel co��on
SEG�4
─
─
AO LCD d�ive� output fo� LCD panel seg�ent
V1
V1
─
─
AO LCD voltage pu�p
VLCD
VLCD
─
PWR
─
LCD powe� supply
VMAX
VMAX
─
PWR
─
IC �axi�u� voltage� connect to VDD� VLCD o� V1
VDD
VDD
─
PWR
─
Powe� Supply
VSS
VSS
─
PWR
─
G�ound
Legend: I/T:Inputtype
O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST:SchmittTriggerinput
CMOS:CMOSoutput
NMOS:NMOSoutput
AO:Analogoutput
HXT:Highfrequencycrystaloscillator
LXT:Lowfrequencycrystaloscillator
HT69F350
Pin Name
Function OPT
I/T
O/T
Description
PA0/I�T1/PTCK/
ICPDA/OCDSDA
PA0
PAWU
PAPU
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and wake-up.
I�T1
I�TEG
I�TC0
SFSR
ST
—
Exte�nal Inte��upt 1
PTCK
SFSR
ST
—
PTM clock input
ICPDA
—
ST CMOS ICP add�ess/data
OCDSDA
—
ST CMOS OCDS add�ess/data� fo� EV chip only.
PA1/CTP_1/
SDO
PA1
PAWU
PAPU
PAFS
ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and wake-up.
CTP_1
PAFS
—
CMOS CTM output
SDO
PAFS
—
CMOS SPI Data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com