Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 74Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 75Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 76Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 77Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 78Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 79Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 80Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 81Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 235 page
background image
Rev. 1.30
7�
�ove��e� 1�� �01�
Rev. 1.30
79
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Low Voltage Reset – LVR
Themicrocontrollercontainsalowvoltageresetcircuitinordertomonitorthesupplyvoltageofthe
device.WritingacorrespondingvalueinLVRCregister,theLVRfunctioncanbeenabledduring
thenormalandslowmodeswithaspecificLVRvoltage,VLVR.Ifthesupplyvoltageofthedevice
dropstowithinarangeof0.9V~VLVRsuchasmightoccurwhenchangingthebattery,theLVR
willautomaticallyresetthedeviceinternallyandtheLVRFbitintheSMOD1registerwillalso
besetto1.ForavalidLVRsignal,alowvoltage,i.e.,avoltageintherangebetween0.9V~VLVR
mustexistforgreaterthanthevaluetLVRspecifiedintheLVD&LVRElectricalcharacteristics.If
thelowvoltagestatedoesnotexceedthisvalue,theLVRwillignorethelowsupplyvoltageand
willnotperformaresetfunction.TheactualVLVRcanbeselectedbytheLVSbitsintheLVRC
register.IftheLVS7~LVS0bitsarechangedtosomecertainvalues,whichmayoccurduetoadverse
environmentalconditionssuchasnoise,theLVRwillresetthedeviceafter2~3fSUBclockcycles.
Whenthishappens,theLRFbitintheSMOD1registerwillbesetto1.Afterpowerontheregister
willhavethevalueof01100110B.NotethattheLVRfunctionwillbeautomaticallydisabledwhen
thedeviceenterstheSLEEP/IDLEmode.
LV R
In te r nal R es et
t RS TD + t SST
Note:tRSTDispower-ondelay,typicaltime=50ms
Low Voltage Reset Timing Chart
• LVRC Register
Bit
7
6
5
4
3
2
1
0
�a�e
LVS7
LVS�
LVS5
LVS4
LVS3
LVS�
LVS1
LVS0
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
POR
0
1
1
0
0
1
1
0
Bit7~0
LVS7 ~ LVS0:LVRVoltageSelectcontrol
01100110:1.7V(default)
01010101:1.9V
00110011:2.55V
10011001:3.15V
10101010:3.8V
11110000:LVRdisable
Othervalues:GeneratesMCUreset–registerisresettoPORvalue
Whenanactuallowvoltageconditionoccurs,asspecifiedbyoneofthefivedefined
LVRvoltagevaluesabove,anMCUresetwillbegenerated.Theresetoperationwill
beactivatedafter2~3fSUBclockcycles.Inthissituationthisregistercontentswill
remainthesameaftersucharesetoccurs.
Anyregistervalue,otherthanthefivedefinedvaluesabove,willalsoresultinthe
generationofanMCUreset.Theresetoperationwillbeactivatedafter2~3fSUBclock
cycles.HoweverinthissituationthisregistercontentswillberesettothePORvalue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com