Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 39Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 40Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 41Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 42Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 43Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 44Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 45Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 46Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 235 page
background image
Rev. 1.30
4�
�ove��e� 1�� �01�
Rev. 1.30
43
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
• FD3L Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
ThefourthFlashMemorydata[7:0]
• FD3H Register
Bit
7
6
5
4
3
2
1
0
�a�e
D15
D14
D13
D1�
D11
D10
D9
D�
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
ThefourthFlashMemorydata[15:8]
Flash Memory Write Function Enable Procedure
InordertoallowuserstochangetheFlashmemorydatathroughtheIAPcontrolregisters,users
mustfirstenabletheFlashmemorywriteoperationbythefollowingprocedure:
1.Write“110”intotheFMOD2~FMOD0bitstoselecttheFWENmode.
2.SettheFWPENbitto“1”.Thestep1andstep2canbeexecutedsimultaneously.
3.Thepatterndatawithasequenceof00H,04H,0DH,09H,C3Hand40Hmustbewrittenintothe
FD1L,FD1H,FD2L,FD2H,FD3LandFD3Hregistersrespectively.
4.Acounterwithatime-outperiodof300μswillbeactivatedtoallowuserswritingthecorrect
patterndataintotheFD1L/FD1H~FD3L/FD3Hregisterpairs.Thecounterclockisprovidedby
fSUB.
5.Ifthecounteroverflowsorthepatterndataisincorrect,theFlashmemorywriteoperationwillnot
beenabledandusersmustagainrepeattheaboveprocedure.
6.Ifthepatterndataiscorrectbeforethecounteroverflows,theFlashmemorywriteoperationwill
beenabled.TheCFWENbitwillalsobesetto1byhardwaretoindicatethattheFlashmemory
writeoperationissuccessfullyenabled.
7.OncetheFlashmemorywriteoperationisenabled,theusercanchangetheFlashROMdata
throughtheFlashcontrolregister.
8.TodisabletheFlashmemorywriteoperation,theusercancleartheCFWENbitto0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com