Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 34Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 35Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 36Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 37Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 38Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 39Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 40Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 41Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 235 page
background image
Rev. 1.30
3�
�ove��e� 1�� �01�
Rev. 1.30
39
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Duringtheprogrammingprocess,theusermusttakecontroloftheICPDAandICPCKpinsfordata
andclockprogrammingpurposestoensurethatnootheroutputsareconnectedtothesetwopins.
*
*
Wr it er _V DD
IC PD A
IC PC K
Wr it er _V SS
To o t her C ir cu it
PA 2
VS S
PA 0
VD D
Wr it er C onnec to r
Si g nal s
MC U Pr og ra mm in g
Pi ns
Note:*mayberesistororcapacitor.Theresistanceof*mustbegreaterthan1kΩorthecapacitance
of*mustbelessthan1nF.
On-Chip Debug Support – OCDS
ThereisanEVchipnamedHT69F3x0whichisusedtoemulatetherealMCUdeviceHT69V3x0.
TheEVchipdevicealsoprovidesan“On-ChipDebug”functiontodebugtherealMCUdevice
duringthedevelopmentprocess.TheEVchipandtherealMCUdevicearealmostfunctionally
compatibleexceptforthe“On-ChipDebug”function.UserscanusetheEVchipdevicetoemulate
therealchipdevicebehaviorbyconnectingtheOCDSDAandOCDSCKpinstotheHoltekHT-
IDEdevelopmenttools.TheOCDSDApinistheOCDSData/Addressinput/outputpinwhilethe
OCDSCKpinistheOCDSclockinputpin.WhenusersusetheEVchipfordebugging,other
functionswhicharesharedwiththeOCDSDAandOCDSCKpinsinthereadMCUdevicewill
havenoeffectintheEVchip.However,thetwoOCDSpinswhicharepin-sharedwiththeICP
programmingpinsarestillusedastheFlashMemoryprogrammingpinsforICP.Foramoredetailed
OCDSdescription,refertothecorrespondingdocumentnamed“Holteke-Linkfor8-bitMCU
OCDSUser’sGuide”.
Holtek e-Link Pins
EV Chip Pins
Pin Description
OCDSDA
OCDSDA
On-chip De�ug Suppo�t Data/Add�ess input/output
OCDSCK
OCDSCK
On-chip De�ug Suppo�t Clock input
VDD
VDD
Powe� Supply
G�D
VSS
G�ound



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com