Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 91 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 91 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 87Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 88Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 89Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 90Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 91Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 92Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 93Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 94Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 95Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 235 page
background image
Rev. 1.30
90
�ove��e� 1�� �01�
Rev. 1.30
91
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,allI/Opins,when
configuredasaninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.These
pull-highresistorsareselectedusingregisterPAPU~PHPU,andareimplementedusingweakPMOS
transistors.
Theseriesofdevicesprovidetworesistorselections,whichcanbe60kΩinnormalvoltagemode
or15kΩinlowvoltagemode.TheresistorselectionisexecutedusingtheLVPUbitintheLVDC
register.
LVPU Bit
Pull-high Resistor
0
60kΩ (Normal Mode)
1
15kΩ (Low voltage Mode)
Port A Wake-up
TheHALTinstructionforcesthemicrocontrollerintotheSLEEPorIDLEModewhichpreserves
power,afeaturethatisimportantforbatteryandotherlow-powerapplications.Variousmethods
existtowake-upthemicrocontroller,oneofwhichistochangethelogicconditionononeofthePort
Apinsfromhightolow.Thisfunctionisespeciallysuitableforapplicationsthatcanbewokenup
viaexternalswitches.EachpinonPortAcanbeselectedindividuallytohavethiswake-upfeature
usingthePAWUregister.
PAWU Register
Bit
7
6
5
4
3
2
1
0
�a�e
PAWU7
PAWU�
PAWU5
PAWU4
PAWU3
PAWU�
PAWU1
PAWU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
I/OPortAbit7~bit0WakeUpControl
0:Disable
1:Enable
I/O Port Control Registers
EachI/OporthasitsowncontrolregisterknownasPAC~PHC,tocontroltheinput/output
configuration.Withthiscontrolregister,eachI/Opinwithorwithoutpull-highresistorscanbe
reconfigureddynamicallyundersoftwarecontrol.EachpinoftheI/Oportsisdirectlymappedtoa
bitinitsassociatedportcontrolregister.FortheI/Opintofunctionasaninput,thecorresponding
bitofthecontrolregistermustbewrittenasa“1”.Thiswillthenallowthelogicstateoftheinput
pintobedirectlyreadbyinstructions.Whenthecorrespondingbitofthecontrolregisteriswritten
asa“0”,theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrentlysetupasanoutput,
instructionscanstillbeusedtoreadtheoutputregister.
However,itshouldbenotedthattheprogramwillinfactonlyreadthestatusoftheoutputdatalatch
andnottheactuallogicstatusoftheoutputpin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com