Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 27Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 28Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 29Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 30Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 31Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 32Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 33Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 34Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 235 page
background image
Rev. 1.30
30
�ove��e� 1�� �01�
Rev. 1.30
31
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
LCD D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
VDD
Condition
ISTB
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=3�7�� o�
3�K RC OSC)
3V �o load� syste� HALT� LCD on�
WDT off� C type� VLCD=VDD� 1/� Bias
—
�
10
μA
5V
—
10
15
μA
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=3�7�� o�
3�K RC OSC)
3V �o load� syste� HALT� LCD on�
WDT off� C type� VLCD=VDD� 1/3 Bias
—
�
10
μA
5V
—
10
15
μA
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=3�7�� o�
3�K RC OSC)
3V �o load� syste� HALT� LCD on�
WDT off� R type� VLCD=VDD�
1/� �ias (IBIAS=7.5μA)
—
13.5
�0
μA
5V
—
��.5
40
μA
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=3�7�� o�
3�K RC OSC)
3V �o load� syste� HALT� LCD on�
WDT off� R type� VLCD=VDD�
1/� �ias (IBIAS=15μA)
—
�1
40
μA
5V
—
35
�0
μA
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=3�7�� o�
3�K RC OSC)
3V �o load� syste� HALT� LCD on�
WDT off� R type� VLCD=VDD�
1/� �ias (IBIAS=45μA)
—
51
�0
μA
5V
—
�5
1�0
μA
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=3�7�� o�
3�K RC OSC)
3V �o load� syste� HALT� LCD on�
WDT off� R type� VLCD=VDD�
1/� �ias (IBIAS=90μA)
—
9�
1�0
μA
5V
—
1�0
3�0
μA
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=3�7�� o�
3�K RC OSC)
3V �o load� syste� HALT� LCD on�
WDT off� R type� VLCD=VDD�
1/3 �ias (IBIAS=7.5μA)
—
11
�0
μA
5V
—
1�.3
40
μA
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=3�7�� o�
3�K RC OSC)
3V �o load� syste� HALT� LCD on�
WDT off� R type� VLCD=VDD�
1/3 �ias (IBIAS=15μA)
—
1�
�5
μA
5V
—
��.�
50
μA
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=3�7�� o�
3�K RC OSC)
3V �o load� syste� HALT� LCD on�
WDT off� R type� VLCD=VDD�
1/3 �ias (IBIAS=45μA)
—
3�
50
μA
5V
—
�0
100
μA
Stand�y Cu��ent (Idle)
(fSYS� fWDT off� fS=fSUB=3�7�� o�
3�K RC OSC)
3V �o load� syste� HALT� LCD on�
WDT off� R type� VLCD=VDD�
1/3 �ias (IBIAS=90μA)
—
��
100
μA
5V
—
110
�00
μA
IOL
LCD Co��on and Seg�ent
Sink Cu��ent
3V
VOL=0.1VLCD
�10
4�0
—
μA
5V
350
700
—
μA
IOH
LCD Co��on and Seg�ent
Sou�ce Cu��ent
3V
VOH=0.9VLCD
-�0
-1�0
—
μA
5V
-1�0 -3�0
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com