Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 113 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 113 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 109Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 110Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 111Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 112Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 113Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 114Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 115Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 116Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 117Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 235 page
background image
Rev. 1.30
11�
�ove��e� 1�� �01�
Rev. 1.30
113
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
CCRA
CCRP
0x3FF
Counte�
ove�flow
CCRA Int.
Flag CTMAF
CCRP Int.
Flag CTMPF
CCRP > 0
Counte� clea�ed �y CCRP value
CTM O/P Pin
CTO�
Pause
Counte�
Reset
Output Pin set
to Initial Level
Low if CTOC = 0
Output Toggle
with CTMAF flag
He�e CTIO[1:0] = 11
Toggle Output Select
�ow CTIO[1:0] = 10
Active High Output Select
Output not affected �y
CTMAF flag. Re�ains High
until �eset �y CTO� �it
CTCCLR = 0; CTM[1:0] = 00
CTPAU
Resu�e
Stop
Ti�e
CCRP > 0
CCRP = 0
CTPOL
Output Pin
Reset to initial value
Output inve�ts
when CTPOL is high
un-defined
Counte� Value
Compare Match Output Mode – CTCCLR=0
Note:1.WithCTCCLR=0,aComparatorPmatchwillclearthecounter
2.TheTMoutputpincontrolledonlybytheCTMAFflag
3.TheoutputpinresettoinitialstatebyaCTONbitrisingedge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com