Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 118 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 118 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 114Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 115Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 116Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 117Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 118Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 119Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 120Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 121Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 122Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 235 page
background image
Rev. 1.30
11�
�ove��e� 1�� �01�
Rev. 1.30
119
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Standard Type TM – STM
TheStandardTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.TheStandardTMcan
driveoneexternaloutputpin.
Device
TM Type
TM Input Pin
TM Output Pin
HT�9F350
1�-�it STM
STCK
STP_0� STP_1
HT�9F3�0
1�-�it STM
STCK
STP_0� STP_1
CCR P
CCR A
ST CC LR
Co m par at or P M at ch
Co m par at or A Ma tc h
ST CK 2~ ST CK 0
ST ON
ST PA U
b8~ b15
8- bi t Co m par at or P
16- bi t
Co m par at or A
Co unt er C l ear
16- bi t Co unt -u p Co unt er
ST MP F In te rru pt
ST MA F In te rru pt
b0~ b15
E dge
De te ct or
ST IO 1, S TI O0
ST M1 , ST M0
ST IO 1, S TI O0
ST PO L
ST OC
Po la ri ty
C ont ro l
Ou tp u t
C ont ro l
ST P
ST CK
111
000
001
010
011
100
101
110
f SYS /4
f SYS
f H /1 6
f H /6 4
f SU B
Re se rv ed
0
1
ST P Pi n
I npu t/ Ou tp u t
x
Standard Type TM Block Diagram
Standard TM Operation
Atitscoreisa16-bitcount-upcounterwhichisdrivenbyauserselectableinternalclocksource.
Therearealsotwointernalcomparatorswiththenames,ComparatorAandComparatorP.These
comparatorswillcomparethevalueinthecounterwithCCRPandCCRAregisters.TheCCRPis8-bit
widewhosevalueiscomparedwiththehighest8bitsinthecounterwhiletheCCRAis16bitsand
thereforecompareswithallcounterbits.
Theonlywayofchangingthevalueofthe16-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheSTONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheStandard
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com