Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 125 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 125 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 121Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 122Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 123Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 124Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 125Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 126Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 127Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 128Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 129Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 235 page
background image
Rev. 1.30
1�4
�ove��e� 1�� �01�
Rev. 1.30
1�5
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
CCRA
CCRP
0xFFFF
CCRA Int.
Flag STMPF
CCRP Int.
Flag STMAF
CCRA > 0 Counte� clea�ed �y CCRA value
STM O/P Pin
STO�
Pause
Counte� Reset
Output Pin set
to Initial Level
Low if STOC = 0
Output Toggle
with STMAF flag
He�e STIO[1:0] = 11
Toggle Output Select
�ow STIO[1:0] = 10
Active High Output Select
Output not affected �y
STMAF flag. Re�ains High
until �eset �y STO� �it
STCCLR = 1; STM[1:0] = 00
STPAU
Resu�e
Stop
Ti�e
CCRA = 0
STPOL
Output Pin
Reset to initial value
Output inve�ts
when STPOL is high
Output cont�olled
�y othe� pin
-
sha�ed function
Counte� Value
Output does
not change
�o STMAF flag
gene�ated on
CCRA ove�flow
CCRA = 0
Counte� ove�flow
STMPF not
gene�ated
Compare Match Output Mode –STCCLR=1
Note:1.WithSTCCLR=1aComparatorAmatchwillclearthecounter
2.TheTMoutputpincontrolledonlybytheSTMAFflag
3.TheoutputpinresettoinitialstatebyaSTONrisingedge
4.TheSTMPFflagsisnotgeneratedwhenSTCCLR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com