Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 133 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 133 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 129Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 130Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 131Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 132Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 133Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 134Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 135Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 136Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 137Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 235 page
background image
Rev. 1.30
13�
�ove��e� 1�� �01�
Rev. 1.30
133
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Periodic Type TM – PTM
ThePTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/EventCounter,
CaptureInput,SinglePulseOutputandPWMOutputmodes.TheP-typeTMcanalsobecontrolled
withanexternalinputpinandcandrivetwoorfiveoutputpins.
Device
TM Type
TM Input Pin
TM Output Pin
HT�9F340
10-�it PTM
PTCK
PTP_0� PTP_1� PTP_�
PTPB_0� PTPB_1
HT�9F350
10-�it PTM
PTCK
PTP_0� PTP_1
PTPB_0� PTPB_1
HT�9F3�0
10-�it PTM0
10-�it PTM1
PTCK0
PTCK1
PTP0� PTP0B
PTP1� PTP1B
Periodic TM Operation
TherearetwoP-typeTMs,bothare10-bitwide.Atthecoreisa10count-upcounterwhichis
drivenbyauserselectableinternalorexternalclocksource.Therearealsotwointernalcomparators
withthenames,ComparatorAandComparatorP.Thesecomparatorswillcomparethevalueinthe
counterwithCCRPandCCRAregisters.TheCCRPcomparatoris10-bitswide.
Theonlywayofchangingthevalueofthe10counterusingtheapplicationprogram,istoclearthe
counterbychangingthePTnONbitfromlowtohigh.Thecounterwillalsobeclearedautomatically
byacounteroverfloworacomparematchwithoneofitsassociatedcomparators.Whenthese
conditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.ThePeriodicTypeTM
canoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclocksources
includinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsareselected
usingrelevantinternalregisters.
CCRP
CCRA
PT n CCL R
Co mp ar at or P M at ch
Co mp ar at or A Ma tc h
PT nC K2 ~P Tn CK 0
PT nO N
PT n PAU
b0 ~b 9
10 - bi t Co mp ar at or P
10 - bi t
Co mp ar at or A
C oun te r Cl ea r
10 -b it C ount -u p Co un te r
PT Mn PF In te rr upt
PT Mn AF In te rr upt
PT Pn P in
I npu t/ Ou tp ut
b0 ~b 9
E dge
De te ct or
PT nI O1 , P Tn IO 0
PT nM 1, P Tn M0
PT nI O1 , P Tn IO 0
PT nP OL
PT nO C
Po l ar it y
C ont ro l
Ou tp ut
C ont ro l
PT Pn
PT CK n
11 1
00 0
00 1
01 0
01 1
10 0
10 1
11 0
f SYS /4
f SYS
f H /1 6
f H /6 4
f SU B
f SU B
0
1
0
1
PT nC KS
x
PT Pn B x
Periodic Type TM Block Diagram
(The serial number n is only for HT69F360)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com