Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F360 Datasheet(PDF) 167 Page - Holtek Semiconductor Inc

Part # HT69F360
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F360 Datasheet(HTML) 167 Page - Holtek Semiconductor Inc

Back Button HT69F360 Datasheet HTML 163Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 164Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 165Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 166Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 167Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 168Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 169Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 170Page - Holtek Semiconductor Inc HT69F360 Datasheet HTML 171Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 235 page
background image
Rev. 1.30
1��
�ove��e� 1�� �01�
Rev. 1.30
1�7
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
UCR1 register
TheUCR1registertogetherwiththeUCR2registerarethetwoUARTcontrolregistersthatareused
tosetthevariousoptionsfortheUARTfunction,suchasoverallon/offcontrol,paritycontrol,data
transferbitlengthetc.Furtherexplanationoneachofthebitsisgivenbelow:
Bit
7
6
5
4
3
2
1
0
�a�e
UARTE�
B�O
PRE�
PRT
STOPS
TXBRK
RX�
TX�
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
W
POR
0
0
0
0
0
0
x
0
“x” unknown
Bit7
UARTEN:UARTfunctionenablecontrol
0:DisableUART.TXandRXpinsareasI/Oorotherpin-sharedfunctionalpins
1:EnableUART.TXandRXpinsfunctionasUARTpins
TheUARTENbitistheUARTenablebit.Whenthisbitisequalto“0”,theUART
willbedisabledandtheRXpinaswellastheTXpinwillbeasGeneralPurposeI/O
orotherpin-sharedfunctionalpins.Whenthebitisequalto“1”,theUARTwillbe
enabledandtheTXandRXpinswillfunctionasdefinedbytheTXENandRXEN
enablecontrolbits.
WhentheUARTisdisabled,itwillemptythebuffersoanycharacterremainingin
thebufferwillbediscarded.Inaddition,thevalueofthebaudratecounterwillbe
reset.IftheUARTisdisabled,allerrorandstatusflagswillbereset.AlsotheTXEN,
RXEN,TXBRK,RXIF,OERR,FERR,PERRandNFbitswillbecleared,whilethe
TIDLE,TXIFandRIDLEbitswillbeset.OthercontrolbitsinUCR1,UCR2and
BRGregisterswillremainunaffected.IftheUARTisactiveandtheUARTENbitis
cleared,allpendingtransmissionsandreceptionswillbeterminatedandthemodule
willberesetasdefinedabove.WhentheUARTisre-enabled,itwillrestartinthe
sameconfiguration.
Bit6
BNO:Numberofdatatransferbitsselection
0:8-bitdatatransfer
1:9-bitdatatransfer
Thisbitisusedtoselectthedatalengthformat,whichcanhaveachoiceofeither
8-bitor9-bitformat.Whenthisbitisequalto“1”,a9-bitdatalengthformatwillbe
selected.Ifthebitisequalto“0”,thenan8-bitdatalengthformatwillbeselected.If
9-bitdatalengthformatisselected,thenbitsRX8andTX8willbeusedtostorethe
9thbitofthereceivedandtransmitteddatarespectively.
Bit5
PREN:Parityfunctionenablecontrol
0:Parityfunctionisdisabled
1:Parityfunctionisenabled
Thisistheparityenablebit.Whenthisbitisequalto“1”,theparityfunctionwillbe
enabled.Ifthebitisequalto“0”,thentheparityfunctionwillbedisabled.Replacethe
mostsignificantbitpositionwithaparitybit.
Bit4
PRT:Paritytypeselectionbit
0:Evenparityforparitygenerator
1:Oddparityforparitygenerator
Thisbitistheparitytypeselectionbit.Whenthisbitisequalto“1”,oddparitytype
willbeselected.Ifthebitisequalto“0”,thenevenparitytypewillbeselected.
Bit3
STOPS:NumberofStopbitsselection
0:Onestopbitformatisused
1:Twostopbitsformatisused
Thisbitdeterminesifoneortwostopbitsaretobeused.Whenthisbitisequalto“1”,
twostopbitsareused.Ifthisbitisequalto“0”,thenonlyonestopbitisused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com