Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6389 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST6389
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST6389 Datasheet HTML 66Page - STMicroelectronics ST6389 Datasheet HTML 67Page - STMicroelectronics ST6389 Datasheet HTML 68Page - STMicroelectronics ST6389 Datasheet HTML 69Page - STMicroelectronics ST6389 Datasheet HTML 70Page - STMicroelectronics ST6389 Datasheet HTML 71Page - STMicroelectronics ST6389 Datasheet HTML 72Page - STMicroelectronics ST6389 Datasheet HTML 73Page - STMicroelectronics ST6389 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
70/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
GENERAL INFORMATION (Cont’d)
7.3 CUSTOMER EEPROM INITIAL CONTENTS:
a. The content should be written into an INTEL
INTELLEC format file.
b In the case of 384 bytes of EEPROM, the start-
ing address is 000h and the end address is
17Fh. The order of the pages (64 bytes each) is
an in the specification (i.e. b7, b1 b0: 001, 010,
011, 101, 110. 111).
c. Undefined or don't care bytes should have the
content FFh.
7.4 OSD Test Character
IN ORDER TO ALLOW THE TESTING OF THE
ON-CHIP OSD MACROCELL THE FOLLOWING
CHARACTER MUST BE PROVIDED AT THE
FIXED BFh (191) POSITION.
Listing Generation & Verification. When STMi-
croelectronics receives the files, a computer listing
is generated from them. This listing refers extractly
to the mask that will be used to produce the micro-
controller. Then the listing is returned to the cus-
tomer that must thoroughly check, complete, sign
and return it to STMicroelectronics. The signed list
constitutes a part of the contractual agreement for
the creation of the customer mask. STMicroelec-
tronics sales organization will provide detailed in-
formation on contractual points.
Figure 34. OSD Test Character
7.5 ORDERING INFORMATION TABLE
Note: “XXX” Is the ROM code identifier that is allocated by STMicroelectronics after receipt of all required
options and the related ROM file.
123456789 10 11 12 13 14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Sales Type
ROM/ EEPROM Size
D/ A
Converter
Temperature Range
Package
ST6380B1/ XXX
8K/ 384 Bytes
6
0 to + 70 °C
PSDIP42
ST6380B4/ XXX
8K/ 384 Bytes
6
-10 to + 70 °C
PSDIP42
ST6381B1/ XXX
8K/ 384 Bytes
4
0 to + 70 °C
PSDIP42
ST6381B4/ XXX
8K/ 384 Bytes
4
-10 to + 70 °C
PSDIP42
ST6382B1/ XXX
14K/ 384 Bytes
6
0 to + 70 °C
PSDIP42
ST6382B4/ XXX
14K/ 384 Bytes
6
-10 to + 70 C
PSDIP42
ST6383B1/ XXX
14K/ 384 Bytes
4
0 to + 70 °C
PSDIP42
ST6383B4/ XXX
14K/ 384 Bytes
4
-10 to + 70 °C
PSDIP42
ST6388B1/ XXX
20K/ 384 Bytes
6
0 to + 70 °C
PSDIP42
ST6388B4/ XXX
20K/ 384 Bytes
6
-10 to + 70 °C
PSDIP42
ST6389B1/ XXX
20K/ 384 Bytes
4
0 to + 70 °C
PSDIP42
ST6389B4/ XXX
20K/ 384 Bytes
4
-10 to + 70 °C
PSDIP42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com