Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6389 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST6389
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST6389 Datasheet HTML 8Page - STMicroelectronics ST6389 Datasheet HTML 9Page - STMicroelectronics ST6389 Datasheet HTML 10Page - STMicroelectronics ST6389 Datasheet HTML 11Page - STMicroelectronics ST6389 Datasheet HTML 12Page - STMicroelectronics ST6389 Datasheet HTML 13Page - STMicroelectronics ST6389 Datasheet HTML 14Page - STMicroelectronics ST6389 Datasheet HTML 15Page - STMicroelectronics ST6389 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
12/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
MEMORY SPACES (Cont’d)
Data ROM Addressing. All the read-only data are
physically implemented in the ROM in which the
Program Space is also implemented. The ROM
therefore contains the program to be executed and
also the constants and the look-up tables needed
for the program. The locations of Data Space in
which the different constants and look-up tables
are addressed by the ST6 Core can be considered
as being a 64-byte window through which it is pos-
sible to access to the read-only data stored in the
ROM. This window is located from the 40h ad-
dress to the 7Fh address in the Data space and al-
lows the direct reading of the bytes from the 000h
address to the 03Fh address in the ROM. All the
bytes of the ROM can be used to store either in-
structions or read-only data. Indeed, the window
can be moved by step of 64 bytes along the ROM
in writing the appropriate code in the Write-only
Data ROM Window register (DRWR, location
C9h). The effective address of the byte to be read
as a data in the ROM is obtained by the concate-
nation of the 6 less significant bits of the address in
the Data Space (as less significant bits) and the
content of the DRWR (as most significant bits). So
when addressing location 40h of data space, and
0 is loaded in the DRWR, the physical addressed
location in ROM is 00h.
Note: The data ROM Window can not address
window above the 16K byte range.
Data ROM Window Register (DRWR)
Address: C9h - Write only
Reset Value: XXh
DRWR7-DRWR0. These are the Data Rom Win-
dow bits that correspond to the upper bits of data
ROM program space. This register is undefined af-
ter reset.
Caution:
This register contains at least one write
only bit. Single bit instructions (SET, RES, INC
and DEC) should not be used.
Note: Care is required when handling the DRWR
as it is write only. For this reason, it is not allowed
to change the DRWR contents while executing in-
terrupts drivers, as the driver cannot save and
than restore its previous content. If it is impossible
to avoid the writing of this register in interrupts
drivers, an image of this register must be saved in
a RAM location, and each time the program writes
the DRWR it writes also the image register. The
image register must be written first, so if an inter-
rupt occurs between the two instructions the
DRWR register is not affected.
Figure 7. Data ROM Window Memory Addressing
70
DRWR
7
DRWR
6
DRWR
5
DRWR
4
DRWR
3
DRWR
2
DRWR
1
DRWR
0
DATA ROM
WINDOW REGISTER
CONTENTS
DATA SPACE ADDRESS
40h-7Fh
IN INSTRUCTION
PROGRAM SPACE ADDRESS
7654
32
0
5
43210
5
43210
READ
1
6
7
8
9
10
11
01
VR01573B
12
1
0
DATA SPACE ADDRESS
59h
0
0
0
0
0
1
00
1
1
1
Example:
(DWR)
DWR=28h
11
0000
0
0
00
1
ROM
ADDRESS:A19h
11
13
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com