Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6389 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST6389
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST6389 Datasheet HTML 10Page - STMicroelectronics ST6389 Datasheet HTML 11Page - STMicroelectronics ST6389 Datasheet HTML 12Page - STMicroelectronics ST6389 Datasheet HTML 13Page - STMicroelectronics ST6389 Datasheet HTML 14Page - STMicroelectronics ST6389 Datasheet HTML 15Page - STMicroelectronics ST6389 Datasheet HTML 16Page - STMicroelectronics ST6389 Datasheet HTML 17Page - STMicroelectronics ST6389 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
14/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
MEMORY SPACES (Cont’d)
EEPROM Description
The data space of ST638x family from 00h to 3Fh
is paged as described in Table 5. 384 bytes of
EEPROM located in six pages of 64 bytes (pages
0,1,2,3,4 and 5, see Table 5).
Through the programming of the Data RAM Bank
Register (DRBR=E8h) the user can select the
bank or page leaving unaffected the way to ad-
dress the static registers. The way to address the
“dynamic” page is to set the DRBR as described in
Table 5 (e.g. to select EEPROM page 0, the
DRBR has to be loaded with content 01h, see
Data RAM/EEPROM/OSD RAM addressing for
additional information). Bits 0, 1 and 7 of the
DRBR are dedicated to the EEPROM.
The EEPROM pages do not require dedicated in-
structions to be accessed in reading or writing.
The EEPROM is controlled by the EEPROM Con-
trol Register (EECR=EAh). Any EEPROM location
can be read just like any other data location, also
in terms of access time.
To write an EEPROM location takes an average
time of 5 ms (10ms max) and during this time the
EEPROM is not accessible by the Core. A busy
flag can be read by the Core to know the EEPROM
status before trying any access. In writing the
EEPROM can work in two modes: Byte Mode
(BMODE) and Parallel Mode (PMODE). The
BMODE is the normal way to use the EEPROM
and consists in accessing one byte at a time. The
PMODE consists in accessing 8 bytes per time.
EEPROM Control Register (EECR)
Address: EAh - Read only/Write only
Reset Value:
D7. Not used
Caution:
This register contains at least one write
only bit. Single bit instructions (SET, RES, INC
and DEC) should not be used.
SB. WRITE ONLY. If this bit is set the EEPROM is
disabled (any access will be meaningless) and the
power consumption of the EEPROM is reduced to
the leakage values.
D5, D4. Reserved for testing purposes, they must
be set to zero.
PS. WRITE ONLY. Once in Parallel Mode, as
soon as the user software sets the PS bit the par-
allel writing of the 8 adjacent registers will start. PS
is internally reset at the end of the programming
procedure. Note that less than 8 bytes can be writ-
ten; after parallel programming the remaining un-
defined bytes will have no particular content.
PE. WRITE ONLY. This bit must be set by the user
program in order to perform parallel programming
(more bytes per time). If PE is set and the “parallel
start bit” (PS) is low, up to 8 adjacent bytes can be
written at the maximum speed, the content being
stored in volatile registers. These 8 adjacent bytes
can be considered as row, whose A7, A6, A5, A4,
A3 are fixed while A2, A1 and A0 are the changing
bytes. PE is automatically reset at the end of any
parallel programming procedure. PE can be reset
by the user software before starting the program-
ming procedure, leaving unchanged the EEPROM
registers.
BS. READ ONLY. This bit will be automatically set
by the CORE when the user program modifies an
EEPROM register. The user program has to test it
before any read or write EEPROM operation; any
attempt to access the EEPROM while “busy bit” is
set will be aborted and the writing procedure in
progress completed.
EN. WRITE ONLY. This bit MUST be set to one in
order to write any EEPROM register. If the user
program will attempt to write the EEPROM when
EN= “0” the involved registers will be unaffected
and the “busy bit” will not be set.
After RESET the content of EECR register will be
00h.
Notes: When the EEPROM is busy (BS=”1”) the
EECR can not be accessed in write mode, it is only
possible to read BS status. This implies that as
long as the EEPROM is busy it is not possible to
change the status of the EEPROM control register.
EECR bits 4 and 5 are reserved for test purposes,
and must never be set to “1”.
70
-
SB
-
-
PSPEBSEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com