Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6389 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST6389
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST6389 Datasheet HTML 38Page - STMicroelectronics ST6389 Datasheet HTML 39Page - STMicroelectronics ST6389 Datasheet HTML 40Page - STMicroelectronics ST6389 Datasheet HTML 41Page - STMicroelectronics ST6389 Datasheet HTML 42Page - STMicroelectronics ST6389 Datasheet HTML 43Page - STMicroelectronics ST6389 Datasheet HTML 44Page - STMicroelectronics ST6389 Datasheet HTML 45Page - STMicroelectronics ST6389 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
42/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
SERIAL PERIPHERAL INTERFACE (Cont’d)
SPI Control Register 1 (SCR1)
Address: EBh - Write only
Reset Value: 00h
Caution:
This register contains at least one write
only bit. Single bit instructions (SET, RES, INC
and DEC) should not be used.
b7-b4. These bits are not used.
STR. This is Start bit for I2C BUS/S-BUS. This bit
is meaningless when STD/SPI enable bit is
cleared to zero. If this bit is set to one and STD/SPI
bit is also set to “1” then SPI Start generation, be-
fore beginning of transmission, is enabled. Set to
zero after reset.
STP. This is Stop bit for I2C BUS/S-BUS. This bit
is meaningless when STD/SPI enable bit is
cleared to zero. If this bit is set to one and STD/SPI
bit is also set to “1” then SPI Stop condition gener-
ation is enabled. STP bit must be reset when
standard protocol is used (this is also the default
reset conditions). Set to zero after reset.
STD, SPI Enable. This bit, in conjunction with S-
BUS/I2C BUS bit, allows the SPI disable and will
select between I2C BUS/S-BUS and Standard
shift register protocols. If this bit is set to one, it se-
lects both I2C BUS and S-BUS protocols; final se-
lection between them is made by S-BUS/I2C BUS
bit. If this bit is cleared to zero when S-BUS/I2C
BUS is set to “1” the Standard shift register proto-
col is selected. If this bit is cleared to “0” when S-
BUS/I2C BUS is cleared to 0 the SPI is disabled.
Set to zero after reset.
S-BUS/I2C BUS Selection. This bit, in conjunction
with STD/SPI bit, allows the SPI disable and will
select between I2C BUS and S-BUS protocols. If
this bit is cleared to “0” when STD bit is also “0”,
the SPI interface is disabled. If this bit is cleared to
zero when STD bit is set to “1”, the I2C BUS proto-
col will be selected. If this bit is set to “1” when
STD bit is set to “1”, the S-BUS protocol will be se-
lected. Cleared to zero after reset.
Table 13. SPI Mode Selection
SPI Control Register 2 (SCR2)
Address: ECh - Read/Write
Reset Value: 00h
Caution:
This register contains at least one write
only bit. Single bit instructions (SET, RES, INC
and DEC) should not be used.
b7-b4. These bits are not used.
TX/RX. Write Only. When this bit is set, current
byte operation is a transmission. When it is reset,
current operation is a reception. Set to zero after
reset.
VRY/S. Read Only/Write Only. This bit has two dif-
ferent functions in relation to read or write opera-
tion. Reading Operation: when STD and/or TRX
bits is cleared to 0, this bit is meaningless. When
bits STD and TX are set to 1, this bit is set each
time BSY bit is set. This bit is reset during byte op-
eration if real data on SDA line are different from
the output from the shift register. Set to zero after
reset. Writing Operation: it enables (if set to one)
or disables (if cleared to zero) the interrupt coming
from VSYNC pin. Undefined after reset. Refer to
OSD description for additional information.
ACN. Read Only. If STD bit (D1 of SCR1 register)
is cleared to zero this bit is meaningless. When
STD is set to one, this bit is set to one if no Ac-
knowledge has been received. In this case it is au-
tomatically reset when BSY is set again. Set to
zero after reset.
BSY. Read/Set Only. This is the busy bit. When a
one is loaded into this bit the SPI interface start the
transmission of the data byte loaded into SSDR
data register or receiving and building the receive
data into the SSDR data register. This is done in
accordance with the protocol, direction and start/
stop condition(s). This bit is automatically cleared
at the end of the current byte operation. Cleared to
zero after reset.
Note: The SPI shift register is also the data trans-
mission register and the data received register;
this feature is made possible by using the serial
structure of the ST638x and thus reducing size
and complexity.
70
----
STR
STP
STD/
SPI
S-BUS/
I
2
CBUS
D1
STD/SP
D0
S-BUS/I
2C BUS
SPI Function
0
0
Disabled
0
1
STD Shift Reg.
10
I2C BUS
1
1
S-BUS
70
-
-
-
-
TX/RX VRY/S
ACN
BSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com