Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6389 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST6389
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST6389 Datasheet HTML 14Page - STMicroelectronics ST6389 Datasheet HTML 15Page - STMicroelectronics ST6389 Datasheet HTML 16Page - STMicroelectronics ST6389 Datasheet HTML 17Page - STMicroelectronics ST6389 Datasheet HTML 18Page - STMicroelectronics ST6389 Datasheet HTML 19Page - STMicroelectronics ST6389 Datasheet HTML 20Page - STMicroelectronics ST6389 Datasheet HTML 21Page - STMicroelectronics ST6389 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
18/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
3 CLOCKS, RESET, INTERRUPTS AND POWER SAVING MODES
3.1 ON-CHIP CLOCK OSCILLATOR
The internal oscillator circuit is designed to require
a minimum of external components. A crystal
quartz, a ceramic resonator, or an external signal
(provided to the OSCin pin) may be used to gener-
ate a system clock with various stability/cost trade-
offs. The typical clock frequency is 8MHz. Please
note that different frequencies will affect the oper-
ation of those peripherals (D/As, SPI) whose refer-
ence frequencies are derived from the system
clock.
The different clock generator connection schemes
are shown in Figure 10 and 11. One machine cycle
takes 13 oscillator pulses; 12 clock pulses are
needed to increment the PC while and additional
13th pulse is needed to stabilize the internal latch-
es during memory addressing. This means that
with a clock frequency of 8MHz the machine cycle
is 1.625µSec.
The crystal oscillator start-up time is a function of
many variables: crystal parameters (especially
RS), oscillator load capacitance (CL), IC parame-
ters, ambient temperature, and supply voltage.It
must be observed that the crystal or ceramic leads
and circuit connections must be as short as possi-
ble. Typical values for CL1 and CL2 are in the
range of 15pF to 22pF but these should be chosen
based on the crystal manufacturers specification.
Typical input capacitance for OSCin and OSCout
pins is 5pF.
The oscillator output frequency is internally divided
by 13 to produce the machine cycle and by 12 to
produce the Timers and the Watchdog clock. A
byte cycle is the smallest unit needed to execute
any operation (i.e., increment the program coun-
ter). An instruction may need two, four, or five byte
cycles to be executed (See Table 6).
Table 6. Instruction Timing with 8MHz Clock
Figure 10. Clock Generator Option 1
Figure 11. Clock Generator Option 2
Figure 12. OSCin, OSCout Diagram
Instruction Type
Cycles
Execution
Time
Branch if set/reset
5 Cycles
8.125
µs
Branch & Subroutine Branch
4 Cycles
6.50
µs
Bit Manipulation
4 Cycles
6.50
µs
Load Instruction
4 Cycles
6.50
µs
Arithmetic & Logic
4 Cycles
6.50
µs
Conditional Branch
2 Cycles
3.25
µs
Program Control
2 Cycles
3.25
µs
OSCin
OSCout
CL1
CL2
ST6xxx
CRYSTAL/RESONATOR CLOCK
VA0016B
OSCin
OSCout
ST6xxx
EXTERNAL CLOCK
NC
VA0015C
VA00462
OSCout
In
OSCin, OSCout (QUARTZ PINS)
OSCin
1M
VDD
DD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com