Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6389 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST6389
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST6389 Datasheet HTML 70Page - STMicroelectronics ST6389 Datasheet HTML 71Page - STMicroelectronics ST6389 Datasheet HTML 72Page - STMicroelectronics ST6389 Datasheet HTML 73Page - STMicroelectronics ST6389 Datasheet HTML 74Page - STMicroelectronics ST6389 Datasheet HTML 75Page - STMicroelectronics ST6389 Datasheet HTML 76Page - STMicroelectronics ST6389 Datasheet HTML 77Page - STMicroelectronics ST6389 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
74/82
ST63E88,ST63T88, ST63E89,ST63T89
1 GENERAL DESCRIPTION
Table 28. Device Summary
Figure 35. . Block Diagram
Device
EPROM
(Bytes)
OTP
(Bytes)
RAM
(Bytes)
EEPROM
(Bytes)
ADC
VS
D/A
Colour
Pins
Target R0M
Devices
ST63E88
20K
256
384
Yes
Yes
6
3
ST6380, 82, 88
ST63T88
20K
256
384
Yes
Yes
6
3
ST6380, 82, 88
ST63T89
20K
256
384
Yes
Yes
4
3
ST6381, 83, 89
ST63T89
20K
256
384
Yes
Yes
4
3
ST6381, 83, 89
TEST
IRIN/PC6
INTERRUPT
UP TO 20KBytes
PC
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
POWER
SUPPLY
OSCILLATOR
RESET
DATA ROM
USER
SELECTABLE
DATA RAM
256 Bytes
PORT A
PORT C
8 BIT CORE
TEST
TIMER 1
PA0 - PA7*
VDD VSS
OSCin OSCout
RESET
USER PROGRAM
MEMORY
TIMER 2
Inputs
DATA EEPROM
384 Bytes
PC2, PC4 - PC7*
D/A Outputs
VS*
R, G, B, BLANK
VS Output
On-Screen
Digital
Watchdog
DA0 - DA5
*Refer to Pin Description for Additional Information
Serial Peripheral
PC0/SCL
PC1/SDA
PC3/SEN
Timer
Display
Interface
HSYNC, VSYNC
VR01753
OSDOSCout
OSDOSCin
PB0 - PB6*
PORT B &
A/D inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com