Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6389 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST6389
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST6389 Datasheet HTML 7Page - STMicroelectronics ST6389 Datasheet HTML 8Page - STMicroelectronics ST6389 Datasheet HTML 9Page - STMicroelectronics ST6389 Datasheet HTML 10Page - STMicroelectronics ST6389 Datasheet HTML 11Page - STMicroelectronics ST6389 Datasheet HTML 12Page - STMicroelectronics ST6389 Datasheet HTML 13Page - STMicroelectronics ST6389 Datasheet HTML 14Page - STMicroelectronics ST6389 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
11/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
1.3.3 Data Space
The ST6 Core instruction set operates on a specif-
ic space, referred to as the Data Space, which
contains all the data necessary for the program.
Figure 6. Data Space
The Data Space allows the addressing of RAM
(256 bytes), EEPROM (384 bytes), ST6 Core and
peripheral registers, as well as read-only data
such as constants and look-up tables.
DATA RAM/EEPROM/OSD
BANK AREA
000h
03Fh
DATA ROM
WINDOW AREA
040h
07Fh
X REGISTER
080h
Y REGISTER
081h
V REGISTER
082h
W REGISTER
083h
DATA RAM
084h
0BFh
PORT A DATA REGISTER
0C0h
PORT B DATA REGISTER
0C1h
PORT C DATA REGISTER
0C2h
RESERVED
0C3h
PORT A DIRECTION REGISTER
0C4h
PORT B DIRECTION REGISTER
0C5h
PORT C DIRECTION REGISTER
0C6h
RESERVED
0C7h
INTERRUPT OPTION REGISTER
0C8h
DATA ROM WINDOW REGISTER
0C9h
PROGRAM ROM PAGE REGISTER
0CAh
RESERVED
0CBh
SPI DATA REGISTER
0CCh
PORT B OPTION REGISTER
0CDh
RESERVED
0CEh
0CFh
ADC DATA REGISTER
0D0h
ADC CONTROL REGISTER
0D1h
TIMER 1 PRESCALER REGISTER
0D2h
TIMER 1 COUNTER REGISTER
0D3h
TIMER 1 STATUS/CONTROL REGISTER
0D4h
RESERVED
0D5h
0D7h
WATCHDOG REGISTER
0D8h
RESERVED
0D9h
TIMER 2 PRESCALER REGISTER
0DAh
TIMER 2 COUNTER REGISTER
0DBh
TIMER 2 STATUS/CONTROL REGISTER
0DCh
RESERVED
0DDh
MIRROR REGISTER
0DEh
XOR REGISTER
0DFh
DA 0 DATA/CONTROL REGISTER
0E0h
DA 1 DATA/CONTROL REGISTER
0E1h
DA 2 DATA/CONTROL REGISTER
0E2h
DA 3 DATA/CONTROL REGISTER
0E3h
IR & VSYNC STATUS REGISTER
0E4h
RESERVED
0E5h
DA 4 DATA/CONTROL REGISTER
0E6h
DA 5 DATA/CONTROL REGISTER
0E7h
DATA RAM BANK REGISTER
0E8h
DEDICATED LATCHES CONTROL REGISTER
0E9h
EEPROM CONTROL REGISTER
0EAh
SPI CONTROL REGISTER 1
0EBh
SPI CONTROL REGISTER 2
0ECh
OSD POLARITY SELECT REGISTER
0EDh
VS DATA REGISTER 1
0EEh
VS DATA REGISTER 2
0EFh
RESERVED
0F0h
0F5h
0FEh
ACCUMULATOR
0FFh
OSD CONTROL REGISTERS LOCATED IN
PAGE 5 OF BANKED DATA RAM
VERTICAL START ADDRESS REGISTER
038h
HORIZONTAL START ADDRESS REGISTER
039h
VERTICAL SPACE REGISTER 0
03Ah
HORIZONTAL SPACE REGISTER
03Bh
BACKGROUND COLOUR REGISTER
03Ch
VERTICAL SPACE REGISTER 1
03Dh
OSD GLOBAL ENABLE REGISTER
03Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com