Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6389 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST6389
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST6389 Datasheet HTML 72Page - STMicroelectronics ST6389 Datasheet HTML 73Page - STMicroelectronics ST6389 Datasheet HTML 74Page - STMicroelectronics ST6389 Datasheet HTML 75Page - STMicroelectronics ST6389 Datasheet HTML 76Page - STMicroelectronics ST6389 Datasheet HTML 77Page - STMicroelectronics ST6389 Datasheet HTML 78Page - STMicroelectronics ST6389 Datasheet HTML 79Page - STMicroelectronics ST6389 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
76/82
ST63E88,ST63T88, ST63E89,ST63T89
Figure 36. ST63E88, T88 Pin configuration
Figure 37. ST63E89, T89 Pin configuration
Table 29. Pin Summary
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
DA0
DA1
DA2
DA3
DA4
DA5
AD1/PB1
AD2/PB2
AD3/PB3
AD4/PB4
AD5/PB5
AD6/PB6
PA0
PA1
PA2
PA3
PA4
PA5
PA6 (HD0)
PA7 (HD1)
VSS
VDD
PC0/SCL
PC1/SDA
PC2
PC3/SEN
PC4/PWRIN
PC5
VS
OSCin
OSCout
TEST/VPP
(1)
VSYNC
BLANK
B
G
R
PC6/IRIN
(1) This pin is also the VPP input for OTP/EPROM devices
RESET
HSYNC
OSDOSCout
OSDOSCin
VR01375
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
VS
DA1
DA2
DA3
DA4
AD0/PB0
AD1/PB1
AD2/PB2
AD3/PB3
AD4/PB4
AD5/PB5
AD6/PB6
PA0
PA1
PA2
PA3
PA4
PA5
PA6 (HD0)
PA7 (HD1)
VSS
VDD
PC0/SCL
PC1/SDA
PC2
PC3/SEN
PC4/PWRIN
PC5
PC7
OSCin
OSCout
TEST/VPP
(1)
VSYNC
BLANK
B
G
R
PC6/IRIN
(1) This pin is also the VPP input for OTP/EPROM devices
RESET
HSYNC
OSDOSCout
OSDOSCin
VR01375E
Pin Function
Description
DA0 to DA5
Output, Open- Drain, 12V
VS
Output, Push- Pull
R, G, B, BLANK
Output, Push- Pull
HSYNC, VSYNC
Input, Pull- up, Schmitt Trigger
OSDOSCin
Input, High Impedance
OSDOSCout
Output, Push- Pull
TEST
Input, Pull- Down
OSCin
Input, Resistive Bias, Schmitt Trigger to Reset Logic Only
OSCout
Output, Push- Pull
RESET
Input, Pull- up, Schmitt Trigger Input
PA0- PA3
I/ O, Push- Pull, Software Input Pull- up, Schmitt Trigger Input
PA4- PA5
I/ O, Open- Drain, 12V, No Input Pull- up, Schmitt Trigger Input
PA6- PA7
I/ O, Open- Drain, 12V, No Input Pull- up, Schmitt Trigger Input, High Drive
PB0- PB6
I/ O, Push- Pull, Software Input Pull- up, Schmitt Trigger Input, Analog input
PC0- PC3
I/ O, Open- Drain, 5V, Software Input Pull- up, Schmitt Trigger Input
PC4- PC7
I/ O, Open- Drain, 12V, No Input Pull- up, Schmitt Trigger Input
VDD, VSS
Power Supply Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com