Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6389 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST6389
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST6389 Datasheet HTML 26Page - STMicroelectronics ST6389 Datasheet HTML 27Page - STMicroelectronics ST6389 Datasheet HTML 28Page - STMicroelectronics ST6389 Datasheet HTML 29Page - STMicroelectronics ST6389 Datasheet HTML 30Page - STMicroelectronics ST6389 Datasheet HTML 31Page - STMicroelectronics ST6389 Datasheet HTML 32Page - STMicroelectronics ST6389 Datasheet HTML 33Page - STMicroelectronics ST6389 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
30/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
I/O PORTS (Cont’d)
Table 10. I/O Port Option
Note 1. Provided the correct configuration has been selected.
MODE
AVAILABLE ON(1)
SCHEMATIC
Input
PA0-PA3
PB0-PB6
PC0-PC3
Input
with pull up
PA0-PA3
PB0-PB6
PC0-PC3
Analog input
PB0-PB6
Open drain output
5mA/5V
Open drain output
5mA / 12V
Open drain output
25mA/12V
PC0-PC3
PA4-PA5
PB0-PB6
PC4-PC7
PA6-PA7
Push-pull output
5mA
Push-pull output
10mA
PB0-PB6
PA0-PA3
Data in
Data in
Data out
VDD
VDD
ADC
VDD
Data out
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com