Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSZ182 Datasheet HTML 5Page - STMicroelectronics TSZ182 Datasheet HTML 6Page - STMicroelectronics TSZ182 Datasheet HTML 7Page - STMicroelectronics TSZ182 Datasheet HTML 8Page - STMicroelectronics TSZ182 Datasheet HTML 9Page - STMicroelectronics TSZ182 Datasheet HTML 10Page - STMicroelectronics TSZ182 Datasheet HTML 11Page - STMicroelectronics TSZ182 Datasheet HTML 12Page - STMicroelectronics TSZ182 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TSZ182
Electrical characteristics
DocID029836 Rev 1
9/39
Table 5: Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and
RL = 10
kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
1
25
µV
-40 °C < T< 125 °C
35
ΔVio/ΔT
Input offset voltage drift (1)
-40 °C < T< 125 °C
0.1
µV/°C
Iib
Input bias current (Vout = VCC//2)
T = 25 °C
30
200 (2)
pA
-40 °C < T< 125 °C
300 (2)
Iio
Input offset current (Vout = VCC/2)
T = 25 °C
60
400 (2)
-40 °C < T< 125 °C
600 (2)
CMR1
Common mode rejection ratio,
20 log (ΔVicm/ΔVio), Vout = VCC//2,
RL > 1
MΩ
Vic = 0 V to VCC, T = 25
°C
108
126
dB
Vic = 0 V to VCC,
-40 °C < T< 125 °C
108
CMR2
Common mode rejection ratio,
20 log (ΔVicm/ΔVio), Vout = VCC//2,
RL > 1
MΩ
Vic = 0 V to VCC - 1.8 V,
T = 25 °C
112
136
Vic = 0 V to VCC - 2 V,
-40 °C < T< 125 °C
112
SVR1
Supply voltage rejection ratio,
20 log (ΔVCC//ΔVio),
VCC = 2.2 to 5.5 V,
Vic = 0 V, RL > 1
MΩ
T = 25 °C
105
123
-40 °C < T< 125 °C
104
Avd
Large signal voltage gain,
Vout = 0.5 V to (Vcc - 0.5 V)
T = 25 °C
120
144
-40 °C < T< 125 °C
110
EMIRR (3)
EMI rejection ratio,
EMIRR = -20 log (VRFpeak
/ΔVio)
VRF = 100 mVp,
f = 400 MHz
52
VRF = 100 mVp,
f = 900 MHz
52
VRF = 100 mVp,
f = 1800 MHz
72
VRF = 100 mVp,
f = 2400 MHz
85
VOH
High-level output voltage,
VOH = Vcc - Vout
T = 25 °C
18
40
mV
-40 °C < T< 125 °C
70
VOL
Low-level output voltage
T = 25 °C
13
30
-40 °C < T< 125 °C
70
Iout
Isink (Vout = VCC)
T = 25 °C
20
29
mA
-40 °C < T< 125 °C
15
Isource (Vout = 0 V)
T = 25 °C
15
25
-40 °C < T< 125 °C
10
ICC
Supply current (per channel,
Vout = VCC//2, RL > 1
MΩ)
T = 25 °C
0.8
1
-40 °C < T< 125 °C
1.2
AC performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com