Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 1 Page - STMicroelectronics

  TSZ182 Datasheet HTML 1Page - STMicroelectronics TSZ182 Datasheet HTML 2Page - STMicroelectronics TSZ182 Datasheet HTML 3Page - STMicroelectronics TSZ182 Datasheet HTML 4Page - STMicroelectronics TSZ182 Datasheet HTML 5Page - STMicroelectronics TSZ182 Datasheet HTML 6Page - STMicroelectronics TSZ182 Datasheet HTML 7Page - STMicroelectronics TSZ182 Datasheet HTML 8Page - STMicroelectronics TSZ182 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
November 2016
DocID029836 Rev 1
1/39
This is information on a product in full production.
www.st.com
TSZ182
Very high accuracy (25 µV) high bandwidth (3 MHz) zero drift
5 V dual operational amplifiers
Datasheet - production data
Features
Very high accuracy and stability: offset
voltage 25 µV max at 25 °C, 35 µV over full
temperature range (-40 °C to 125 °C)
Rail-to-rail input and output
Low supply voltage: 2.2 - 5.5 V
Low power consumption: 1 mA max. at 5 V
Gain bandwidth product: 3 MHz
Automotive qualification is ongoing
(TSZ182IYST)
Extended temperature range: -40 to 125 °C
Micropackages: DFN8 2x2 and MiniSO8
Benefits
Higher accuracy without calibration
Accuracy virtually unaffected by temperature
change
Related products
See TSZ121, TSZ122 or TSZ124 for zero
drift amplifiers with more power savings
(400 kHz for 40 µA)
See TSV711 or TSV731 for continuous-time
precision amplifiers
Applications
High accuracy signal conditioning
Automotive current measurement and
sensor signal conditioning
Medical instrumentation
Description
The TSZ182 is a dual operational amplifier
featuring very low offset voltages with virtually
zero drift versus temperature changes.
The TSZ182 offers rail-to-rail input and output,
excellent speed/power consumption ratio, and
3 MHz gain bandwidth product, while consuming
just 1 mA at 5 V. The device also features an
ultra-low input bias current.
These features make the TSZ182 ideal for high-
accuracy high-bandwidth sensor interfaces.
MiniSO8
DFN8 2x2


Similar Part No. - TSZ182

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSZ182 STMICROELECTRONICS-TSZ182 Datasheet
2Mb / 43P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
Rev 5 - August 2018
TSZ182H STMICROELECTRONICS-TSZ182H Datasheet
2Mb / 24P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Jan-2020
TSZ182H STMICROELECTRONICS-TSZ182H Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
TSZ182HYDT STMICROELECTRONICS-TSZ182HYDT Datasheet
2Mb / 24P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Jan-2020
TSZ182HYDT STMICROELECTRONICS-TSZ182HYDT Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
More results

Similar Description - TSZ182

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ182H STMICROELECTRONICS-TSZ182H Datasheet
2Mb / 24P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Jan-2020
TSZ181 STMICROELECTRONICS-TSZ181 Datasheet
2Mb / 43P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
Rev 5 - August 2018
TSZ181H STMICROELECTRONICS-TSZ181H Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com