Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TSZ182 Datasheet HTML 24Page - STMicroelectronics TSZ182 Datasheet HTML 25Page - STMicroelectronics TSZ182 Datasheet HTML 26Page - STMicroelectronics TSZ182 Datasheet HTML 27Page - STMicroelectronics TSZ182 Datasheet HTML 28Page - STMicroelectronics TSZ182 Datasheet HTML 29Page - STMicroelectronics TSZ182 Datasheet HTML 30Page - STMicroelectronics TSZ182 Datasheet HTML 31Page - STMicroelectronics TSZ182 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Application information
TSZ182
28/39
DocID029836 Rev 1
5.12
Phase reversal protection
Some op amps can show a phase reversal when the common-mode voltage exceeds the
VCC range.
Phase reversal is a specific behavior of an op amp where its output reacts as if the inputs
were inverted when at least one input is out of the specified common-mode voltage.
The TSZ182 has been carefully designed to prevent any output phase reversal. The
TSZ182 is a rail-to-rail input op amp, therefore, the common-mode range can extend up to
the rails. If the input signal goes above the rail it does not cause any inversion of the output
signal as shown in Figure 60: "No phase reversal".
If, in the application, the operating common-mode voltage is exceeded please read Section
5.3: "Input pin voltage ranges".
Figure 60: No phase reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com