Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSZ182 Datasheet HTML 21Page - STMicroelectronics TSZ182 Datasheet HTML 22Page - STMicroelectronics TSZ182 Datasheet HTML 23Page - STMicroelectronics TSZ182 Datasheet HTML 24Page - STMicroelectronics TSZ182 Datasheet HTML 25Page - STMicroelectronics TSZ182 Datasheet HTML 26Page - STMicroelectronics TSZ182 Datasheet HTML 27Page - STMicroelectronics TSZ182 Datasheet HTML 28Page - STMicroelectronics TSZ182 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
TSZ182
Application information
DocID029836 Rev 1
25/39
5.9
EMI rejection ration (EMIRR)
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI
immunity of operational amplifiers. An adverse effect that is common to many op amps is a
change in the offset voltage as a result of RF signal rectification.
The TSZ182 has been specially designed to minimize susceptibility to EMIRR and show an
extremely good sensitivity. Figure 55: "EMIRR on IN+ pin" shows the EMIRR IN+, Figure
56: "EMIRR on IN- pin" shows the EMIRR IN- of the TSZ182 measured from 10 MHz up to
2.4 GHz.
Figure 55: EMIRR on IN+ pin
Figure 56: EMIRR on IN- pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com