Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 2 Page - STMicroelectronics

  TSZ182 Datasheet HTML 1Page - STMicroelectronics TSZ182 Datasheet HTML 2Page - STMicroelectronics TSZ182 Datasheet HTML 3Page - STMicroelectronics TSZ182 Datasheet HTML 4Page - STMicroelectronics TSZ182 Datasheet HTML 5Page - STMicroelectronics TSZ182 Datasheet HTML 6Page - STMicroelectronics TSZ182 Datasheet HTML 7Page - STMicroelectronics TSZ182 Datasheet HTML 8Page - STMicroelectronics TSZ182 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Contents
TSZ182
2/39
DocID029836 Rev 1
Contents
1
Package pin connections................................................................ 3
2
Absolute maximum ratings and operating conditions ................. 4
3
Electrical characteristics ................................................................ 5
4
Electrical characteristic curves .................................................... 11
5
Application information ................................................................ 19
5.1
Operation theory ............................................................................. 19
5.1.1
Time domain ..................................................................................... 19
5.1.2
Frequency domain............................................................................ 20
5.2
Operating voltages .......................................................................... 21
5.3
Input pin voltage ranges .................................................................. 21
5.4
Rail-to-rail input/output .................................................................... 21
5.5
Input offset voltage drift over temperature....................................... 22
5.6
Capacitive load................................................................................ 22
5.7
PCB layout recommendations......................................................... 24
5.8
Optimized application recommendation .......................................... 24
5.9
EMI rejection ration (EMIRR) .......................................................... 25
5.10
1/f noise .......................................................................................... 26
5.11
Overload recovery........................................................................... 27
5.12
Phase reversal protection ............................................................... 28
5.13
Open loop gain close to the rail....................................................... 29
5.14
Application examples ...................................................................... 29
5.14.1
Measuring gas concentration using the NDIR principle (thermopile)29
5.14.2
Precision instrumentation amplifier .................................................. 31
5.14.3
Low-side current sensing.................................................................. 32
6
Package information ..................................................................... 33
6.1
DFN8 2x2 package information....................................................... 34
6.2
MiniSO8 package information ......................................................... 36
7
Ordering information..................................................................... 37
8
Revision history ............................................................................ 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com