Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSZ182 Datasheet HTML 25Page - STMicroelectronics TSZ182 Datasheet HTML 26Page - STMicroelectronics TSZ182 Datasheet HTML 27Page - STMicroelectronics TSZ182 Datasheet HTML 28Page - STMicroelectronics TSZ182 Datasheet HTML 29Page - STMicroelectronics TSZ182 Datasheet HTML 30Page - STMicroelectronics TSZ182 Datasheet HTML 31Page - STMicroelectronics TSZ182 Datasheet HTML 32Page - STMicroelectronics TSZ182 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
TSZ182
Application information
DocID029836 Rev 1
29/39
5.13
Open loop gain close to the rail
One of the key parameters of current measurement in low-side applications is precision.
Moreover, it is generally interesting to be able to make a measurement when there is no
current through the shunt resistance. But, when the output voltage gets close the rail some
internal transistors saturate resulting in a loss of open loop gain. Therefore, the output
voltage can be as high as several mV while it is expected to be close to 0 V.
The TSZ182 has been designed to keep a high gain even when the op amp output is very
close to the rail, to ensure good accuracy at low current.
Figure 61: "Gain vs. output voltage, VCC = 5 V, RI = 10 kΩ to GND" shows the open loop
gain of the TSZ182 vs. output voltage. A single power supply of 5 V and a common-mode
voltage of 0 V is used, with a 10 kΩ resistor connected to GND.
Figure 61: Gain vs. output voltage, VCC
= 5 V, RI = 10 kΩ to GND
5.14
Application examples
5.14.1
Measuring gas concentration using the NDIR principle (thermopile)
A thermopile is a serial interconnected array of thermocouples. Based on the Seebeck
principle, a thermocouple is able to deliver an output voltage which depends on the
temperature difference between a reference junction and an active junction.
An NDIR sensor (non dispersive infrared) is generally composed of an infrared (IR) source,
an optical cavity, a dual channel detector, and an internal thermistor. Both channels are
made with a thermopile. One channel is considered as a reference and the other is
considered as the active channel.
Certain gases absorb IR radiation at a specific wavelength. Each channel has a specific
wavelength filter. The active channel has a filter centered on gas absorption while the
reference channel has a filter on another wavelength which is still in the IR range.
When a gas enters the optical cavity, the radiation hitting the active channel decreases,
whereas it remains the same on the reference channel.
The difference between the reference and active channel gives the concentration of gas
present in the optical cavity.
As the thermopile delivers extremely low voltages (hundreds of µV to several mV) the
output signal must be amplified with a high gain and a very low offset in order to minimize
DC errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com